Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDR521LP Fiches technique(PDF) 3 Page - First Silicon Co., Ltd

No de pièce FDR521LP
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR521LP Fiches technique(HTML) 3 Page - First Silicon Co., Ltd

  FDR521LP Datasheet HTML 1Page - First Silicon Co., Ltd FDR521LP Datasheet HTML 2Page - First Silicon Co., Ltd FDR521LP Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FDR521LP
2014. 02. 13
3/3
Revision No : 0
DFN1006-2 Package Outline (Dimensions in mm)
Lead finish: NiPdAu
DFN1006-2 Suggested Pad Layout
DIMENSIONS
VALUE (MM)
C
0.70
G
0.30
X
0.40
X1
1.10
Y
0.70
COMMON DIMENSIONS (MM)
PKG.
DFN1006-2L
REF.
MIN.
NOM.
MAX.
A
>0.40
-
0.50
A1
0.00
-
0.05
A3
0.125REF
D
0.95
1.00
1.05
E
0.55
0.60
0.65
b
0.20
0.25
0.30
L
0.45
0.50
0.55
e
0.65 BSC



Html Pages

1 2 3