Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC2082GD Fiches technique(PDF) 12 Page - First Silicon Co., Ltd

No de pièce FC2082GD
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GD Fiches technique(HTML) 12 Page - First Silicon Co., Ltd

Back Button FC2082GD Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 9Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 10Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 11Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SOT-89 PACKAGE
Symbol
Min(mm)
Max(mm)
A
1.3
1.8
b
0.2
0.7
b 1
0.25
0.75
c
0.2
0.6
D
4.3
4.8
E
2.2
2.8
E1
3.8
4.5
D1
1.55(REF)
e
1.5(TYP)
e 1
3.0(TYP)
L
0.8
1.5
2018. 07. 09
12/12
Revision No : 1
FC2082G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12