| Moteur de recherche de fiches techniques de composants électroniques |
|
ECOS2TA151BA Fiches technique(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS2TA151BA Fiches technique(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 4 page ![]() Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. 16 Large Can Aluminum Electrolytic Capacitors TS-HA Standard Ratings (continued) Cap. Panasonic Cap. Panasonic (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number 4700 20 x 30 2.00 2.30 0.106 0.079 ECOS1EA472AA 3300 20 x 30 1.90 2.19 0.121 0.090 ECOS1VA332AA 5600 20 x 35 2.20 2.53 0.089 0.067 ECOS1EA562AA 3900 20 x 35 2.00 2.30 0.111 0.083 ECOS1VA392AA 6800 20 x 40 2.40 2.76 0.073 0.055 ECOS1EA682AA 4700 20 x 40 2.20 2.53 0.088 0.066 ECOS1VA472AA 2200 22 x 20 1.30 1.50 0.241 0.181 ECOS1EA222BL 1500 22 x 20 1.10 1.27 0.287 0.216 ECOS1VA152BL 2200 22 x 25 1.30 1.50 0.241 0.181 ECOS1EA222BA 1500 22 x 25 1.10 1.27 0.287 0.216 ECOS1VA152BA 3300 22 x 25 1.62 1.86 0.161 0.121 ECOS1EA332BA 2200 22 x 25 1.48 1.70 0.196 0.147 ECOS1VA222BA 4700 22 x 25 2.00 2.30 0.106 0.079 ECOS1EA472BA 3300 22 x 25 1.90 2.19 0.121 0.090 ECOS1VA332BA 5600 22 x 30 2.20 2.53 0.089 0.067 ECOS1EA562BA 3900 22 x 30 2.00 2.30 0.111 0.083 ECOS1VA392BA 6800 22 x 30 2.40 2.76 0.073 0.055 ECOS1EA682BA 4700 22 x 35 2.20 2.53 0.088 0.066 ECOS1VA472BA 8200 22 x 35 2.70 3.11 0.061 0.045 ECOS1EA822BA 5600 22 x 35 2.40 2.76 0.074 0.056 ECOS1VA562BA 10000 22 x 40 3.00 3.45 0.051 0.039 ECOS1EA103BA 6800 22 x 40 2.60 2.99 0.061 0.046 ECOS1VA682BA 12000 22 x 45 3.20 3.68 0.044 0.033 ECOS1EA123BA 8200 22 x 50 2.90 3.34 0.051 0.038 ECOS1VA822BA 3300 25 x 20 1.60 1.84 0.161 0.121 ECOS1EA332CL 2200 25 x 20 1.40 1.61 0.196 0.147 ECOS1VA222CL 6800 25 x 25 2.40 2.76 0.073 0.055 ECOS1EA682CA 4700 25 x 25 2.20 2.53 0.088 0.066 ECOS1VA472CA 8200 25 x 30 2.70 3.11 0.061 0.045 ECOS1EA822CA 5600 25 x 30 2.40 2.76 0.074 0.056 ECOS1VA562CA 10000 25 x 35 3.00 3.45 0.051 0.039 ECOS1EA103CA 6800 25 x 35 2.60 2.99 0.061 0.046 ECOS1VA682CA 12000 25 x 40 3.20 3.68 0.044 0.035 ECOS1EA123CA 8200 25 x 40 2.90 3.34 0.051 0.038 ECOS1VA822CA 15000 25 x 45 3.60 4.14 0.036 0.031 ECOS1EA153CA 10000 25 x 45 3.20 3.68 0.041 0.031 ECOS1VA103CA 18000 25 x 50 3.90 4.49 0.030 0.027 ECOS1EA183CA 12000 25 x 50 3.50 4.03 0.035 0.026 ECOS1VA123CA 4700 30 x 20 1.80 2.07 0.113 0.085 ECOS1EA472DL 3300 30 x 20 1.70 1.96 0.131 0.098 ECOS1VA332DL 8200 30 x 25 2.70 3.11 0.061 0.045 ECOS1EA822DA 5600 30 x 25 2.40 2.76 0.074 0.056 ECOS1VA562DA 10000 30 x 30 3.00 3.45 0.051 0.039 ECOS1EA103DA 6800 30 x 30 2.60 2.99 0.061 0.046 ECOS1VA682DA 12000 30 x 30 3.20 3.68 0.044 0.035 ECOS1EA123DA 8200 30 x 30 2.90 3.34 0.051 0.038 ECOS1VA822DA 15000 30 x 35 3.60 4.14 0.036 0.031 ECOS1EA153DA 10000 30 x 35 3.20 3.68 0.041 0.031 ECOS1VA103DA 18000 30 x 40 3.90 4.49 0.030 0.027 ECOS1EA183DA 12000 30 x 40 3.50 4.03 0.035 0.026 ECOS1VA123DA 22000 30 x 45 4.30 4.95 0.025 0.022 ECOS1EA223DA 15000 30 x 45 3.90 4.49 0.030 0.022 ECOS1VA153DA 6800 35 x 20 2.30 2.65 0.080 0.060 ECOS1EA682EL 4700 35 x 20 2.00 2.30 0.095 0.071 ECOS1VA472EL 12000 35 x 25 3.20 3.68 0.044 0.035 ECOS1EA123EA 8200 35 x 25 2.90 3.34 0.051 0.038 ECOS1VA822EA 15000 35 x 30 3.60 4.14 0.036 0.031 ECOS1EA153EA 10000 35 x 30 3.20 3.68 0.041 0.031 ECOS1VA103EA 18000 35 x 35 3.90 4.49 0.030 0.027 ECOS1EA183EA 12000 35 x 30 3.50 4.03 0.035 0.026 ECOS1VA123EA 22000 35 x 35 4.30 4.95 0.025 0.022 ECOS1EA223EA 15000 35 x 35 3.90 4.49 0.030 0.022 ECOS1VA153EA 27000 35 x 45 4.80 5.52 0.021 0.019 ECOS1EA273EA 18000 35 x 40 4.30 4.95 0.028 0.021 ECOS1VA183EA 33000 35 x 50 5.50 6.33 0.018 0.016 ECOS1EA333EA 22000 35 x 50 5.00 5.75 0.023 0.017 ECOS1VA223EA 33000 40 x 40 5.50 6.33 0.018 0.016 ECOS1EA333FA 22000 40 x 40 5.00 5.75 0.023 0.017 ECOS1VA223FA 47000 40 x 50 6.47 7.44 0.015 0.014 ECOS1EA473FA 27000 40 x 50 5.44 6.26 0.020 0.015 ECOS1VA273FA 1800 20 x 30 1.50 1.73 0.129 0.097 ECOS1HA182AA 1200 20 x 30 1.40 1.61 0.235 0.176 ECOS1JA122AA 2200 20 x 35 1.70 1.96 0.105 0.079 ECOS1HA222AA 1500 20 x 35 1.50 1.73 0.188 0.141 ECOS1JA152AA 2700 20 x 40 1.80 2.07 0.086 0.064 ECOS1HA272AA 1800 20 x 40 1.70 1.96 0.157 0.117 ECOS1JA182AA 1000 22 x 20 0.90 1.04 0.265 0.199 ECOS1HA102BL 680 22 x 20 0.90 1.04 0.463 0.347 ECOS1JA681BL 1000 22 x 25 0.90 1.04 0.232 0.174 ECOS1HA102BA 680 22 x 25 0.90 1.04 0.414 0.311 ECOS1JA681BA 1500 22 x 25 1.25 1.44 0.155 0.116 ECOS1HA152BA 1000 22 x 25 1.17 1.35 0.282 0.211 ECOS1JA102BA 1800 22 x 25 1.50 1.73 0.129 0.097 ECOS1HA182BA 1200 22 x 25 1.40 1.61 0.235 0.176 ECOS1JA122BA 2200 22 x 30 1.70 1.96 0.105 0.079 ECOS1HA222BA 1500 22 x 30 1.50 1.73 0.188 0.141 ECOS1JA152BA 2700 22 x 30 1.80 2.07 0.086 0.064 ECOS1HA272BA 1800 22 x 30 1.70 1.96 0.157 0.117 ECOS1JA182BA 3300 22 x 35 2.00 2.30 0.070 0.053 ECOS1HA332BA 2200 22 x 35 2.00 2.30 0.128 0.096 ECOS1JA222BA 3900 22 x 40 2.20 2.53 0.064 0.048 ECOS1HA392BA 2700 22 x 40 2.20 2.53 0.104 0.078 ECOS1JA272BA 4700 22 x 45 2.50 2.88 0.053 0.040 ECOS1HA472BA 3300 22 x 50 2.50 2.88 0.090 0.068 ECOS1JA332BA 5600 22 x 50 2.80 3.22 0.050 0.038 ECOS1HA562BA 1000 25 x 20 1.20 1.38 0.315 0.236 ECOS1JA102CL 1500 25 x 20 1.20 1.38 0.177 0.133 ECOS1HA152CL 1800 25 x 25 1.70 1.96 0.157 0.117 ECOS1JA182CA 2700 25 x 25 1.80 2.07 0.086 0.064 ECOS1HA272CA 2200 25 x 30 2.00 2.30 0.128 0.096 ECOS1JA222CA 3300 25 x 30 2.00 2.30 0.070 0.053 ECOS1HA332CA 2700 25 x 35 2.20 2.53 0.104 0.078 ECOS1JA272CA 3900 25 x 35 2.20 2.53 0.064 0.048 ECOS1HA392CA 3300 25 x 40 2.50 2.88 0.090 0.068 ECOS1JA332CA 4700 25 x 40 2.50 2.88 0.053 0.040 ECOS1HA472CA 3900 25 x 45 2.70 3.11 0.077 0.057 ECOS1JA392CA 5600 25 x 40 2.80 3.22 0.050 0.038 ECOS1HA562CA 4700 25 x 50 3.00 3.45 0.063 0.048 ECOS1JA472CA 6800 25 x 50 3.30 3.80 0.046 0.035 ECOS1HA682CA 1500 30 x 20 1.30 1.50 0.210 0.157 ECOS1JA152DL 2200 30 x 20 1.40 1.61 0.121 0.090 ECOS1HA222DL 2700 30 x 25 2.20 2.53 0.104 0.078 ECOS1JA272DA 3900 30 x 25 2.20 2.53 0.064 0.048 ECOS1HA392DA 3300 30 x 30 2.50 2.88 0.090 0.068 ECOS1JA332DA 4700 30 x 30 2.50 2.88 0.053 0.040 ECOS1HA472DA 3900 30 x 35 2.70 3.11 0.077 0.057 ECOS1JA392DA 5600 30 x 35 2.80 3.22 0.050 0.038 ECOS1HA562DA 4700 30 x 40 3.00 3.45 0.063 0.048 ECOS1JA472DA 6800 30 x 40 3.30 3.80 0.046 0.035 ECOS1HA682DA 5600 30 x 45 3.30 3.80 0.053 0.040 ECOS1JA562DA 8200 30 x 45 3.60 4.14 0.038 0.029 ECOS1HA822DA 6800 30 x 50 3.60 4.14 0.049 0.037 ECOS1JA682DA 10000 30 x 50 4.00 4.60 0.033 0.025 ECOS1HA103DA 2200 35 x 20 1.50 1.73 0.143 0.107 ECOS1JA222EL 3300 35 x 20 1.70 1.96 0.085 0.064 ECOS1HA332EL 3300 35 x 25 2.50 2.88 0.090 0.068 ECOS1JA332EA 4700 35 x 25 2.50 2.88 0.053 0.040 ECOS1HA472EA 3900 35 x 30 2.70 3.11 0.077 0.057 ECOS1JA392EA 5600 35 x 30 2.80 3.22 0.050 0.038 ECOS1HA562EA 4700 35 x 30 3.00 3.45 0.063 0.048 ECOS1JA472EA 6800 35 x 30 3.30 3.80 0.046 0.035 ECOS1HA682EA 5600 35 x 35 3.30 3.80 0.053 0.040 ECOS1JA562EA 8200 35 x 35 3.60 4.14 0.038 0.029 ECOS1HA822EA 6800 35 x 40 3.60 4.14 0.049 0.037 ECOS1JA682EA 10000 35 x 40 4.00 4.60 0.033 0.025 ECOS1HA103EA 8200 35 x 45 3.90 4.49 0.040 0.030 ECOS1JA822EA 12000 35 x 45 4.50 5.18 0.028 0.022 ECOS1HA123EA 10000 35 x 50 4.40 5.06 0.033 0.028 ECOS1JA103EA 15000 35 x 50 4.80 5.52 0.022 0.018 ECOS1HA153EA 12000 40 x 40 4.52 5.20 0.030 0.026 ECOS1JA123FA 15000 40 x 40 4.80 5.52 0.022 0.018 ECOS1HA153FA 15000 40 x 50 4.80 5.52 0.027 0.023 ECOS1JA153FA 22000 40 x 50 5.15 5.92 0.016 0.013 ECOS1HA223FA Size (mm) Size (mm) Max 105°C R.C. (Arms) 20°C ESR ( Ω, max.) Max 105°C R.C. (Arms) 20°C ESR ( Ω, max.) D x L 50 VDC Working, 63 VDC Surge 63 VDC Working, 79 VDC Surge 35 VDC Working, 44 VDC Surge 25 VDC Working, 32 VDC Surge D x L |