Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1124AI1T Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce DSC1124AI1T
Description  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1124AI1T Fiches technique(HTML) 2 Page - Microchip Technology

  DSC1124AI1T Datasheet HTML 1Page - Microchip Technology DSC1124AI1T Datasheet HTML 2Page - Microchip Technology DSC1124AI1T Datasheet HTML 3Page - Microchip Technology DSC1124AI1T Datasheet HTML 4Page - Microchip Technology DSC1124AI1T Datasheet HTML 5Page - Microchip Technology DSC1124AI1T Datasheet HTML 6Page - Microchip Technology DSC1124AI1T Datasheet HTML 7Page - Microchip Technology DSC1124AI1T Datasheet HTML 8Page - Microchip Technology DSC1124AI1T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DSC1104/24
DS20005870A-page 2
 2017 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage .....................................................................................................................................–0.3V to VDD + 0.3V
ESD Protection (HBM) ...............................................................................................................................................4 kV
ESD Protection (MM) ................................................................................................................................................400V
ESD Protection (CDM) ............................................................................................................................................1.5 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)VDD
2.25
—
3.6
V
—
Supply Current
IDD
—
—
0.095
mA
DSC1104, EN pin low,
Output is disabled
—20
22
DSC1124, EN pin low,
Output is disabled
Frequency Stability
Δf
——
±10
ppm
Includes frequency variation
due to initial tolerance,
temp., and power supply
voltage
——
±20
——
±25
——
±50
Aging
ΔfY1
—
—
±5
ppm
One year at +25°C
Start-up Time (Note 2)tSU
—
—
5
ms
T = +25°C
Input Logic Levels
VIH
0.75 x VDD
——
V
Input logic high
VIL
—
—
0.25 x VDD
Input logic low
Output Disable Time (Note 3)tDA
——
5
ns
—
Output Enable Time
tEN
—
—
5
ms
DSC1104
—
—
20
ns
DSC1124
Enable Pull-Up Resistor
(Note 4)
RPU
—
40
—
kΩ
Pull-up resistor exists
HCSL Outputs
Supply Current
IDD
—
40
42
mA
Output Enabled, RL = 50Ω
Output Logic Levels
VOH
0.725
—
—
V
Output logic high, RL = 50Ω
VOL
—
—
0.1
Output logic low
Peak-to-Peak Output Swing
—
—
750
—
mV
Single-Ended
Output Transition Time
(Note 3)
tr
200
—
400
ps
Rise time, 20% to 80%,RL =
50Ω, CL = 2 pF
tf
200
—
—
Fall time, 20% to 80%,RL =
50Ω, CL = 2 pF
Frequency
f0
2.3
—
460
MHz
Single frequency
Output Duty Cycle
SYM
48
—
52
%
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com