Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSA1101BA2T Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce DSA1101BA2T
Description  Low-Jitter Precision CMOS Oscillator for Automotive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1101BA2T Fiches technique(HTML) 14 Page - Microchip Technology

Back Button DSA1101BA2T Datasheet HTML 10Page - Microchip Technology DSA1101BA2T Datasheet HTML 11Page - Microchip Technology DSA1101BA2T Datasheet HTML 12Page - Microchip Technology DSA1101BA2T Datasheet HTML 13Page - Microchip Technology DSA1101BA2T Datasheet HTML 14Page - Microchip Technology DSA1101BA2T Datasheet HTML 15Page - Microchip Technology DSA1101BA2T Datasheet HTML 16Page - Microchip Technology DSA1101BA2T Datasheet HTML 17Page - Microchip Technology DSA1101BA2T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C
Contact Pad Width (X4)
Contact Pad Spacing
Contact Pad Width (X2)
Contact Pitch
X2
X1
0.25
0.65
MILLIMETERS
0.825 BSC
MIN
E
MAX
1.45
Space Between Contacts (X3)
Space Between Contacts (X4)
G2
G1
0.60
0.38
Microchip Technology Drawing C04-3005A
NOM
6-Lead Very Thin Dual Flatpack No-Leads (J7A) - 2.5x2.0 mm Body [VDFN]
1
2
6
Y
Contact Pad Length (X6)
0.85
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
X2
Y
G1
G2
SILK SCREEN
DSA1101/21/05/25
DS20005890B-page 14
 2018 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24