Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1104AI1T Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce DSC1104AI1T
Description  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1104AI1T Fiches technique(HTML) 8 Page - Microchip Technology

Back Button DSC1104AI1T Datasheet HTML 4Page - Microchip Technology DSC1104AI1T Datasheet HTML 5Page - Microchip Technology DSC1104AI1T Datasheet HTML 6Page - Microchip Technology DSC1104AI1T Datasheet HTML 7Page - Microchip Technology DSC1104AI1T Datasheet HTML 8Page - Microchip Technology DSC1104AI1T Datasheet HTML 9Page - Microchip Technology DSC1104AI1T Datasheet HTML 10Page - Microchip Technology DSC1104AI1T Datasheet HTML 11Page - Microchip Technology DSC1104AI1T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DSC1104/24
DS20005870A-page 8
 2017 Microchip Technology Inc.
5.0
TYPICAL TERMINATION SCHEME
FIGURE 5-1:
Typical Termination Scheme.
6.0
TEST CIRCUIT
FIGURE 6-1:
Test Circuit.
VDD
0.1uF
50
Ω
50
Ω
2
34
5
6
Rs = 0
Ω for test
Rs
Rs
Rs serves to match the trace
impedances. Depending on
board layout, the value may
range from 0 to 30 ohms.
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com