Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSA1101 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce DSA1101
Description  Low-Jitter Precision CMOS Oscillator for Automotive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1101 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button DSA1101 Datasheet HTML 12Page - Microchip Technology DSA1101 Datasheet HTML 13Page - Microchip Technology DSA1101 Datasheet HTML 14Page - Microchip Technology DSA1101 Datasheet HTML 15Page - Microchip Technology DSA1101 Datasheet HTML 16Page - Microchip Technology DSA1101 Datasheet HTML 17Page - Microchip Technology DSA1101 Datasheet HTML 18Page - Microchip Technology DSA1101 Datasheet HTML 19Page - Microchip Technology DSA1101 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Microchip Technology Drawing C04-1007A Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
6-Lead Very Thin Plastic Dual Flatpack No-Lead (H5A) - 3.2x2.5 mm Body [VDFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Terminal Width
Pitch
Standoff
Units
Dimension Limits
A1
A
b2
b1
e
L
E
N
1.05 BSC
0.85
0.65
0.45
0.80
0.00
0.50
0.70
0.90
0.85
0.02
2.50 BSC
MILLIMETERS
MIN
NOM
6
0.95
0.75
0.55
0.90
0.05
MAX
L1
0.10 REF
Terminal Pullback
Overall Length
D
3.20 BSC
DSA1101/21/05/25
DS20005890B-page 16
 2018 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24