| Moteur de recherche de fiches techniques de composants électroniques |
|
LPZP1A5 Fiches technique(PDF) 1 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
LPZP1A5 Fiches technique(HTML) 1 Page - Banner Engineering Corp. |
|
1 / 4 page ![]() Datasheet • Push-to-stop, twist-to-release operation • Rugged, modular design; easy assembly and installation • Kits available for easy selection • Choice of metal base with or without enclosure; all kits include disc label with “Emergency Stop” legend • Choice of normally closed (safety) or combination normally closed/normally open (non safety) contacts • Latching design complies with ISO 13850; direct (positive) opening operation per IEC 60947-5-1 WARNING: Not a Safeguarding Device An Emergency Stop Device is not considered a safeguarding device because it requires an overt action by an individual to stop machine motion or hazards. A safeguarding device limits or eliminates an individual's exposure to a hazard without action by the individual or others. Because an individual must actuate the device for it to function, these devices do not fit the definition of a safeguarding device and cannot be substituted for required safeguarding. Refer to the relevant standards to determine those requirements. Models Models Contacts Enclosure Included SSA-EBM-02L 2 normally closed No SSA-EBM-11L 1 normally closed and 1 normally open SSA-EBM-12L 2 normally closed and 1 normally open SSA-EBM-02E 2 normally closed Yes SSA-EBM-11E 1 normally closed and 1 normally open SSA-EBM-12E 2 normally closed and 1 normally open Important -- Read This First! The user is responsible for satisfying all local, state, and national laws, rules, codes, and regulations relating to the use of this product and its application. Banner Engineering Corp. has made every effort to provide complete application, installation, operation, and maintenance instructions. Please contact a Banner Applications Engineer with any questions regarding this product. The user is responsible for making sure that all machine operators, maintenance personnel, electricians, and supervisors are thoroughly familiar with and understand all instructions regarding the installation, maintenance, and use of this product, and with the machinery it controls. The user and any personnel involved with the installation and use of this product must be thoroughly familiar with all applicable standards, some of which are listed within the specifications. Banner Engineering Corp. makes no claim regarding a specific recommendation of any organization, the accuracy or effectiveness of any information provided, or the appropriateness of the provided information for a specific application. SSA-EB Series Emergency Stop Buttons Original Document 111880 Rev. B 28 September 2018 111880 |
Numéro de pièce similaire - LPZP1A5 |
|
Description similaire - LPZP1A5 |
|
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |