| Moteur de recherche de fiches techniques de composants électroniques |
|
WNB051C5APTS Fiches technique(PDF) 4 Page - WeEn Semiconductors |
|
|
|||||||||||||||||||||||||||||
WNB051C5APTS Fiches technique(HTML) 4 Page - WeEn Semiconductors |
|
4 / 7 page ![]() MECHANICAL PARAMETER Chip size 1.3 x 1.3 mm2 Anode pad size 0.74 x 0.74 mm2 Area total /active 1.69 / 0.55 mm2 Thickness 300 µm Wafer size 125 mm Max possible chips per wafer 6732 pcs Passivation Glass Front metal Al Back metal Ti Ni Ag CHIP LAYOUT WeEn Semiconductors WNB051C5APTS WNB051C5APTS All information provided in this document is subject to legal disclaimers. © WeEn Semiconductors Co., Ltd. 2017. All rights reserved Product data sheet 29 October 2017 4 / 6 |