| Moteur de recherche de fiches techniques de composants électroniques |
|
CSR23B563MS Fiches technique(PDF) 39 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR23B563MS Fiches technique(HTML) 39 Page - Kemet Corporation |
|
39 / 84 page ![]() KEMET T216 MIL-C-39003 (CSS13) CAPACITORS KEMET EQUIVALENT MAX. ESR CAPACITANCE CASE PART NUMBER FOR µA @ +25° µA @ +85° µA @ +125° % @ -55°C % @ -85°C Ω @ 25°C B C µF SIZE CSS13 CAPACITORS MAX. MAX. MAX. +25°C MAX. +125°C MAX. 100kHz (0.1) (0.01) 15 VOLT RATING AT 85°C 2.7 A T216A275K015CS .3 6.0 7.5 4 4 1.20 3019(1) 3.3 A T216A335K015CS .4 8.0 10.0 4 4 1.00 3020(1) 18.0 B T216B186K015CS 2.0 35.0 44.0 6 6 .27 3021(1) 22.0 B T216B226K015CS 2.0 40.0 50.0 6 6 .26 3022(1) 56.0 C T216C566K015CS 4.0 80.0 100.0 6 6 .15 3023(1) 68.0 C T216C686K015CS 5.0 100.0 125.0 6 6 .13 3024(1) 120.0 D T216D127K015CS 9.0 180.0 226.0 8 8 .09 3025(1) 150.0 D T216D157K015CS 10.0 220.0 250.0 8 8 .09 3026(1) 20 VOLT RATING AT 85°C 1.2 A T216A125K020CS .3 6.0 7.5 4 4 1.40 3027(1) 1.5 A T216A155K020CS .3 6.0 7.5 4 4 1.30 3028(1) 1.8 A T216A185K020CS .3 6.0 7.5 4 4 1.25 3029(1) 2.2 A T216A225K020CS .4 8.0 10.0 4 4 1.20 3030(1) 8.2 B T216B825K020CS 1.0 20.0 25.0 6 6 .39 3031(1) 10.0 B T216B106K020CS 1.5 30.0 38.0 6 6 .35 3032(1) 12.0 B T216B126K020CS 1.8 35.0 44.0 6 6 .32 3033(1) 15.0 B T216B156K020CS 2.0 40.0 50.0 6 6 .29 3034(1) 27.0 C T216C276K020CS 2.5 50.0 63.0 6 6 .21 3035(1) 33.0 C T216C336K020CS 3.5 70.0 88.0 6 6 .19 3036(1) 39.0 C T216C396K020CS 4.0 80.0 100.0 6 6 .17 3037(1) 47.0 C T216C476K020CS 4.5 90.0 113.0 6 6 .16 3038(1) 56.0 D T216D566K020BS 5.5 110.0 138.0 6 6 .13 2039(1) 68.0 D T216D686K020BS 7.0 140.0 175.0 6 6 .12 2040(1) 82.0 D T216D826K020BS 8.0 160.0 200.0 6 6 .11 2041(1) 100.0 D T216D107K020BS 10.0 200.0 250.0 8 8 .10 2042(1) 35 VOLT RATING AT 85°C 5.6 B T216B565K035BS 1.3 25.0 32.0 4 4 .47 2043(1) 6.8 B T216B685K035BS 1.5 30.0 38.0 6 6 .43 2044(1) 22.0 C T216C226K035BS 4.0 40.0 100.0 6 6 .25 2045(1) 27.0 D T216D276K035BS 4.5 90.0 113.0 6 6 .18 2046(1) 33.0 D T216D336K035BS 5.5 110.0 138.0 6 6 .17 2047(1) 39.0 D T216D396K035BS 7.0 140.0 175.0 6 6 .15 2048(1) 47.0 D T216D476K035BS 8.0 160.0 200.0 6 6 .14 2049(1) 50 VOLT RATING AT 85°C .12 A T216A124K050CS .3 5.0 6.3 2 4 6.50 3067(1) .15 A T216A154K050CS .3 5.0 6.3 2 4 5.50 3068(1) .18 A T216A184K050CS .3 5.0 6.3 2 4 5.00 3069(1) .22 A T216A224K050CS .3 5.0 6.3 2 4 4.00 3070(1) .27 A T216A274K050CS .3 5.0 6.3 2 4 3.50 3071(1) .33 A T216A334K050CS .3 5.0 6.3 2 4 3.30 3072(1) .39 A T216A394K050CS .3 5.0 6.3 2 4 3.20 3073(1) .47 A T216A474K050CS .3 5.0 6.3 2 4 3.00 3074(1) .56 A T216A564K050CS .3 5.0 6.3 2 4 2.50 3075(1) .68 A T216A684K050CS .3 5.0 6.3 2 4 1.80 3076(1) .82 A T216A824K050CS .3 5.0 6.3 2 4 1.60 3077(1) 1.0 A T216A105K050CS .4 8.0 10.0 2 4 1.40 3078(1) 1.2 B T216B125K050CS .4 9.0 11.0 4 4 1.20 3079(1) 1.5 B T216B155K050CS .6 12.0 15.0 4 4 1.10 3080(1) 1.8 B T216B185K050CS .7 14.0 18.0 4 4 .92 3081(1) 2.2 B T216B225K050CS .8 17.0 22.0 4 4 .80 3082(1) 2.7 B T216B275K050CS 1.0 20.0 25.0 4 4 .68 3083(1) 3.3 B T216B335K050CS 1.2 25.0 32.0 4 4 .62 3084(1) 3.9 B T216B395K050CS 1.5 30.0 38.0 4 4 .56 3085(1) 4.7 B T216B475K050BS 1.7 35.0 44.0 4 4 .51 2086(1) 5.6 C T216C565K050CS 2.2 45.0 56.0 4 4 .44 3087(1) 6.8 C T216C685K050CS 2.2 45.0 56.0 6 6 .40 3088(1) 8.2 C T216C825K050CS 2.5 50.0 63.0 6 6 .36 3089(1) 10.0 C T216C106K050CS 2.5 50.0 63.0 6 6 .33 3090((1) 12.0 C T216C126K050BS 3.0 60.0 75.0 6 6 .30 2091(1) 15.0 C T216C156K020BS 4.0 80.0 100.0 6 6 .27 2092(1) 18.0 C T216C186K050BS 4.5 90.0 113.0 6 6 .25 2093(1) 22.0 D T216D226K050BS 5.5 100.0 138.0 6 6 .20 2094(1) ® KEMET TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003 T216 (CSS13) & T256 (CSS33) SERIES KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 39 DC LEAKAGE MAX. DISSIPATION FACTOR DASH NUMBER REFERENCE FAILURERATELEVEL(%/1000HRS) MIL-C-39003/10 GRADED RATINGS & PART NUMBER REFERENCE T216/(CSS13) (Cont’d) (1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100. |