| Moteur de recherche de fiches techniques de composants électroniques |
|
FDR70 Fiches technique(PDF) 1 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FDR70 Fiches technique(HTML) 1 Page - First Silicon Co., Ltd |
|
1 / 4 page ![]() SEMICONDUCTOR TECHNICAL DATA FDR70/A/C/S 2012. 8. 18 1/4 Revision No : 0 SCHOTTKY BARRIER DIODE Features Low forward current High breakdown voltage Guard ring protected Low diode capacitance. APPLICATIONS Ultra high-speed switching Voltage clamping Protection circuits. DESCRIPTION Planar Schottky barrier diodes with an integrated guard ring for stress protection.Single diodes and double diodes with different pinning are available. FDR70C double diode. FDR70A double diode. 1 Anode 2 Anode 1 Anode 3 Cathode FDR70 single diode. FDE70S double diode. 3 Cathode 1 Anode 2 Cathode 3 Cathode/Anode 1 Cathode 2 Cathode 3 Anode Device Marking Shipping 74 3000 Tape & Reel 3000 Tape & Reel 3000 Tape & Reel ORDERING INFORMATION FDR70 FDR70S FDR70C FDR70A EH GK 3000 Tape & Reel BE We declare that the material of product compliance with RoHS requirements. S- Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable. SOT –23 1 3 2 |
Numéro de pièce similaire - FDR70 |
|
Description similaire - FDR70 |