Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDR54E Fiches technique(PDF) 3 Page - First Silicon Co., Ltd

No de pièce FDR54E
Description  SCHOTTKYBARRIERDIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54E Fiches technique(HTML) 3 Page - First Silicon Co., Ltd

  FDR54E Datasheet HTML 1Page - First Silicon Co., Ltd FDR54E Datasheet HTML 2Page - First Silicon Co., Ltd FDR54E Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SC-79 / SOD-523
0.40
0.0157
0.40
0.0157
1.40
0.0547
mm
inches
SCALE 10:1
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14 5M,
1982.
2. CONTROLL NG DIMENSION: MILL METER.
3. MAXIMUM LEAD THICKNESS NCLUDES LEAD F NISH
THICKNESS. M N MUM LEAD THICKNESS IS THE M N MUM
THICKNESS OF BASE MATERIAL.
−T−
SEATING
PLANE
B
A
−X−
−Y−
D 2 PL
T
M
0.08 (0.003)
X Y
C
S
J
K
DIM
MIN
NOM
MAX
MILLIMETERS
A
1.10
1 20
1 30
B
0.70
0 80
0 90
C
0 50
0 60
0.70
D
0 25
0 30
0 35
J
0 07
0.14
0 20
K
0.15
0 20
0 25
S
1 50
1 60
1.70
0 043
0 047
0.051
0 028
0 032
0.035
0 020
0 024
0.028
0 010
0 012
0.014
0.0028 0.0055 0.0079
0 006
0 008
0.010
0 059
0 063
0.067
MIN
NOM
MAX
INCHES
1
2
FDR54E
2013. 6. 26
3/3
Revision No : 0



Html Pages

1 2 3