| Moteur de recherche de fiches techniques de composants électroniques |
|
S-25C080AH Fiches technique(PDF) 13 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
S-25C080AH Fiches technique(HTML) 13 Page - ABLIC Inc. |
|
13 / 31 page ![]() 105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE Rev.2.3_03_C S-25C080A H Series 13 2. Write enable (WREN) Before writing data (WRITE and WRSR), be sure to set bit Write Enable Latch (WEL). This instruction is to set bit WEL. Its operation is below. After selecting the device by the chip select ( CS ), input the instruction code from serial data input (SI). To set bit WEL, set the device in the non-select status by CS at the 8th clock of the serial clock (SCK). To cancel the WREN instruction, input the clock different from a specified value (n = 8 clock) while CS is in “L”. SO SCK WP CS SI Instruction High-Z 12345678 High / Low Figure 11 WREN Operation |