| Moteur de recherche de fiches techniques de composants électroniques |
|
CMBT8050C Fiches technique(PDF) 1 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CMBT8050C Fiches technique(HTML) 1 Page - Continental Device India Limited |
|
1 / 3 page ![]() NPN SILICON PLANAR EPITAXIAL TRANSISTOR CMBT8050 SOT-23 Formed SMD Package ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL UNITS Collector Base Voltage VCBO V Collector Emitter Voltage VCEO V Emitter Base Voltage VEBO V Collector Current Continuous IC mA Collector Dissipation @ Ta=25ºC PC mW Operating And Storage Junction Temperature Range Tj, Tstg ºC ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION MIN TYP MAX UNITS Collector Base Voltage VCBO IC=100µA, IE=0 30 V Collector Emitter Voltage VCEO IC=10mA, IB=0 25 V Emitter Base Voltage VEBO IE=10µA, IC=0 6 V Collector Cut Off Current ICBO VCB=15V, IE=0 50 nA Emitter Cut Off Current IEBO VEB=4V, IC=0 500 nA DC Current Gain hFE *IC=50mA, VCE=1V 100 400 IC=350mA, VCE=1V 60 Collector Emitter Saturation Voltage VCE(sat) IC=500mA, IB=50mA 0.5 V Base Emitter Saturation Voltage VBE(sat) IC=500mA, IB=50mA 1.2 V Transition Frequency fT IC=100mA, VCE=10V, f=100MHz 150 MHz Output Capacitance Cob VCB=10V, f=1MHz 20 pF CLASSIFICATIONS CMBT8050 C D E *hFE 100 - 400 100 - 200 150 - 300 280 - 400 MARKING 05 05C 05D 05E 800 250 - 55 to +125 VALUE 30 25 6 PIN CONFIGURATION (NPN) 1 = BASE 2 = EMITTER 3 = COLLECTOR 2 1 3 Continental Device India Limited Data Sheet Page 1 of 3 Continental Device India Limited An ISO/TS16949 and ISO 9001 Certified Company |
Numéro de pièce similaire - CMBT8050C |
|
Description similaire - CMBT8050C |