| Moteur de recherche de fiches techniques de composants électroniques |
|
BC446 Fiches technique(PDF) 1 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
BC446 Fiches technique(HTML) 1 Page - Continental Device India Limited |
|
1 / 4 page ![]() Continental Device India Limited An IS/ISO 9002 and IECQ Certified Manufacturer PNP SILICON PLANAR EPITAXIAL TRANSISTORS BC 446, A, B BC 448, A, B BC 450, A, B TO-92 Plastic Package General Purpose High Voltage Transistors. ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION MIN TYP MAX UNITS Collector Emitter Voltage VCEO 60 80 100 V Collector Base Voltage VCBO 60 80 100 V Emitter Base Voltage VEBO 55 5 V Collector Current Continuous IC 300 mA Total Device Dissipation@ Ta=25ºC PD 625 mW Derate Above 25ºC 5 mW/ ºC Total Device Dissipation@ Tc=25ºC PD 1.5 W Derate Above 25ºC 12 mW/ ºC Operating And Storage Junction Tj, Tstg -55 to +150 ºC Temperature Range THERMAL RESISTANCE Junction to ambient Rth(j-a) 200 ºC/W Junction to case Rth(j-c) 83.3 ºC/W IS/ISO 9002 Lic# QSC/L- 000019.2 Continental Device India Limited Data Sheet Page 1 of 4 |
Numéro de pièce similaire - BC446 |
|
Description similaire - BC446 |