| Moteur de recherche de fiches techniques de composants électroniques |
|
TL70 Fiches technique(PDF) 2 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
TL70 Fiches technique(HTML) 2 Page - Banner Engineering Corp. |
|
2 / 3 page ![]() Programming the Audible Tower Module USB-USBM-1 To PC To prepare for programming the audible module, download the Banner Audio GUI from www.bannerengineering.com. Save the program to the desired location on your computer. Note: During programming, external power must be removed from the audible module. To program the module: 1. Remove the module top cover by rotating counterclockwise. 2. Connect programming cable (USB-USBM-1) from computer USB connection, to USB mini connection of the audible module. 3. Select Banner Audio GUI on your computer. Select "Add File" on the GUI, to choose the desired MP3 or WAV file, then select "Open". 4. Select "Write" to program the desired file. You will receive a message "Write Success", when the new audible file has been installed. 5. Remove the cable from the audible module, and re-install the top cover, by aligning the protruding alignment marks, and turning clockwise. 6. The audible module is now ready for use. For additional information, see the Programming Instructions file which is part of the Banner Audio GUI installation. Compatible with Windows 2000, XP, Vista, Windows 7 and 8. TL70 Programmable Audible Tower Light Module 2 www.bannerengineering.com - Tel: + 1 888 373 6767 P/N 196627 Rev. B |