Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7183ABST Fiches technique(PDF) 39 Page - Analog Devices

No de pièce ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Fiches technique(HTML) 39 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 35Page - Analog Devices ADV7183ABST Datasheet HTML 36Page - Analog Devices ADV7183ABST Datasheet HTML 37Page - Analog Devices ADV7183ABST Datasheet HTML 38Page - Analog Devices ADV7183ABST Datasheet HTML 39Page - Analog Devices ADV7183ABST Datasheet HTML 40Page - Analog Devices ADV7183ABST Datasheet HTML 41Page - Analog Devices ADV7183ABST Datasheet HTML 42Page - Analog Devices ADV7183ABST Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
ADV7183A
Rev. A | Page 39 of 104
PAL Comb Filter Settings
Used for PAL-B/G/H/I/D, PAL-M, PAL-Combinational N, PAL-
60 and NTSC443 CVBS inputs.
PSFSEL[1:0] Split Filter Selection PAL (SDP),
Address 0x19, [1:0]
The NSFSEL[1:0] control selects how much of the overall signal
bandwidth is fed to the combs. A wide split filter selection
eliminates dot crawl, but shows imperfections on diagonal lines.
The opposite is true for selecting a narrow bandwidth split filter.
Table 86. PSFSEL Function
PSFSEL[1:0]
Description
00
Narrow
01*
Medium
10
Wide
11
Widest
*Default value.
CTAPSP[1:0] Chroma Comb Taps PAL (SDP),
Address 0x39, [7:6]
Table 87. CTAPSP Function
CTAPSP[1:0]
Description
00
Do not use.
01
PAL chroma comb adapts 5 lines (3 taps) to
3 lines (2 taps); cancels cross luma only.
10
PAL chroma comb adapts 5 lines (5 taps) to
3 lines (3 taps); cancels cross luma and hue error
less well.
11*
PAL chroma comb adapts 5 lines (5 taps) to
4 lines (4 taps); cancels cross luma and hue error
well.
*Default value.
CCMP[2:0] Chroma Comb Mode PAL (SDP), Address 0x39, [5:3]
Table 88. CCMP Function
CCMP[2:0]
Description
Adaptive 3-line chroma comb for CTAPSP = 01.
Adaptive 4-line chroma comb for CTAPSP = 10.
0xx*
Adaptive comb mode.
Adaptive 5-line chroma comb for CTAPSP = 11.
100
Disable chroma comb.
Fixed 2-line chroma comb for CTAPSP = 01.
Fixed 3-line chroma comb for CTAPSP = 10.
101
Fixed chroma comb (top lines of line memory).
Fixed 4-line chroma comb for CTAPSP = 11.
Fixed 3-line chroma comb for CTAPSP = 01.
Fixed 4-line chroma comb for CTAPSP = 10.
110
Fixed chroma comb (all lines of line memory).
Fixed 5-line chroma comb for CTAPSP = 11.
Fixed 2-line chroma comb for CTAPSP = 01.
Fixed 3-line chroma comb for CTAPSP = 10.
111
Fixed chroma comb (bottom lines of line memory).
Fixed 4-line chroma comb for CTAPSP = 11.
*Default value.
YCMP[2:0] Luma Comb Mode PAL (SDP), Address 0x39, [2:0]
Table 89. YCMP Function
YCMP[2:0]
Description
0xx*
Adaptive comb mode .
Adaptive 5 lines (3 taps) luma comb.
100
Disable luma comb.
Use low-pass/notch filter; see the Y Shaping Filter section.
101
Fixed luma comb (top lines of line memory).
Fixed 3 lines (2 taps) luma comb.
110
Fixed luma comb (all lines of line memory).
Fixed 5 lines (3 taps) luma comb.
111
Fixed luma comb (bottom lines of line memory).
Fixed 3 lines (2 taps) luma comb.
*Default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More