| Moteur de recherche de fiches techniques de composants électroniques |
|
E5GN-R03P-FLKAC/DC24 Fiches technique(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5GN-R03P-FLKAC/DC24 Fiches technique(HTML) 3 Page - Omron Electronics LLC |
|
3 / 6 page ![]() E5GN E5GN 69 Specifications J RATINGS Supply voltage 100 to 240 VAC, 50/60 Hz 24 VAC, 50/60 Hz/24 VDC Operating voltage range 85% to 110% of rated supply voltage Power consumption 7 VA 4 VA/2.5 W Sensor input Thermocouple: K, J, T, E, L, U, N, R, S, B Platinum resistance thermometer: Pt100, JPt100 Non-contact temperature sensor: 10 to 70 _C, 60 to 120_C, 115 to 165_C, 160 to 260_C Voltage input: 0 to 50 mV Control output Relay output SPST-NO, 250 VAC, 2 A (resistive load), electrical life: 100,000 operations Voltage output 12 VDC +15%/–20% (PNP), max. load current: 21 mA, with short-circuit protection circuit Alarm output SPST-NO, 250 VAC, 1 A (resistive load), electrical life: 100,000 operations Control method PID or ON/OFF control Setting method Digital setting using front panel keys Indication method 7-segment digital display and single-lighting indicator Character height: PV: 7.0 mm; SV: 3.5 mm Ambient operating temperature –10 _C to 55_C (14°F to 131°F) with no condensation or icing Storage temperature –25 _C to 65_C (–13°F to 149°F) with no condensation or icing Ambient humidity 25% to 85% RH J CHARACTERISTICS Indication accuracy Thermocouple: ±0.5% of indicated value or ±1_C, whichever greater, ±1 digit max. (See Note) Platinum resistance thermometer: ±0.5% of indicated value or ±1_C, whichever greater, ±1 digit max. Analog input: ±0.5% FS±1 digit max. CT input: ±5% FS±1 digit max. Hysteresis 0.1 to 999.9 EU (in units of 0.1 EU) Proportional band (P) 0.1 to 999.9 EU (in units of 0.1 EU) Integral time (I) 0 to 3999 s (in units of 1 s) Derivative time (D) 0 to 3999 s (in units of 1 s) Control period 1 to 99 s (in units of 1 s) Manual reset value 0.0% to 100.0% (in units of 0.1%) Alarm setting range -1999 to 9999 (decimal point position depends on input type) Sampling period 500 ms Insulation resistance 20 M Ω min. at 500 VDC Dielectric strength 2000 VAC, 50 or 60 Hz for 1 min between different charging terminals Vibration resistance 10 to 55 Hz, 10 m/s2 for 2 hours each in X, Y and Z directions Shock resistance 300 m/s2, 3 times each in 3 axes, 6 directions (relay: 100 m/s2) Weight Approx. 90 g; mounting bracket: Approx. 10 g Protective structure Front panel: NEMA4X for indoor use (equivalent to IP66), rear case: IP20, terminals: IP00 Memory protection EEPROM non-volatile memory (number of writes: 100,000) Note: The indication of K thermocouples in the -200 to 1300 °C range, and T and N thermocouples at a temperature of -100°C or less, and U and L thermocouples at any temperature is ±2°C±1 digit maximum. The indication of B thermocouples at a temperature of 400°C or less is unrestricted. The indication of R and S thermocouples at a temperature of 200 °C or less is ±3°C±1 digit maximum. (This table continues on the next page.) |