| Moteur de recherche de fiches techniques de composants électroniques |
|
S24CS0 Fiches technique(PDF) 2 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
S24CS0 Fiches technique(HTML) 2 Page - ABLIC Inc. |
|
2 / 37 page ![]() FOR AUTOMOTIVE 105 °C OPERATION 2-WIRE SERIAL E 2PROM S-24CS01A/02A/04A H Series Rev.3.1_03 2 Pin Configurations 1. 8-Pin SOP (JEDEC) Table 1 7 6 5 8 2 3 4 1 Top view Figure 1 S-24CS01AFJ-TBH-U S-24CS02AFJ-TBH-U S-24CS04AFJ-TBH-U Pin No. Symbol Description 1 A0 Address input (No connection in S-24CS04A *1) 2 A1 Address input 3 A2 Address input 4 GND Ground 5 SDA Serial data input / output 6 SCL Serial clock input 7 WP Write protect input Connected to VCC: Protection valid Connected to GND: Protection invalid 8 VCC Power supply 2. 8-Pin TSSOP Table 2 7 6 5 8 2 3 4 1 Top view Figure 2 S-24CS01AFT-TBH-U S-24CS02AFT-TBH-U S-24CS04AFT-TBH-U Pin No. Symbol Description 1 A0 Address input (No connection in S-24CS04A *1) 2 A1 Address input 3 A2 Address input 4 GND Ground 5 SDA Serial data input / output 6 SCL Serial clock input 7 WP Write protect input Connected to VCC: Protection valid Connected to GND: Protection invalid 8 VCC Power supply 3. TMSOP-8 Table 3 7 6 5 8 2 3 4 1 Top view Figure 3 S-24CS01AFM-TFH-U S-24CS02AFM-TFH-U S-24CS04AFM-TFH-U Pin No. Symbol Description 1 A0 Address input (No connection in S-24CS04A *1) 2 A1 Address input 3 A2 Address input 4 GND Ground 5 SDA Serial data input / output 6 SCL Serial clock input 7 WP Write protect input Connected to VCC: Protection valid Connected to GND: Protection invalid 8 VCC Power supply *1. Connect to the GND pin or VCC. Remark Refer to the "Package Drawings" for the details. |