| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72311N2B6 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72311N2B6 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 94 page ![]() 39/94 ST72311 16-BIT TIMER (Cont’d) 4.3.3.4 Output Compare In this section, the index, i, may be 1 or 2. This function can be used to control an output waveform or indicating when a period of time has elapsed. When a match is found between the Output Com- pare register and the free running counter, the out- put compare function: – Assigns pins with a programmable value if the OCIE bit is set – Sets a flag in the status register – Generates an interrupt if enabled Two 16-bit registers Output Compare Register 1 (OC1R) and Output Compare Register 2 (OC2R) contain the value to be compared to the free run- ning counter each timer clock cycle. These registers are readable and writable and are not affected by the timer hardware. A reset event changes the OCiR value to 8000h. Timing resolution is one count of the free running counter: ( fCPU/(CC1.CC0)). Procedure To use the output compare function, select the fol- lowing in the CR2 register: – Set the OCiE bit if an output is needed then the OCMPi pin is dedicated to the output compare i function. – Select the timer clock (CC1-CC0) (see Table 15). And select the following in the CR1 register: – Select the OLVLi bit to applied to the OCMPi pins after the match occurs. – Set the OCIE bit to generate an interrupt if it is needed. When match is found: – OCFi bit is set. – The OCMPi pin takes OLVLi bit value (OCMPi pin latch is forced low during reset and stays low until valid compares change it to a high level). – A timer interrupt is generated if the OCIE bit is set in the CR2 register and the I bit is cleared in the CC register (CC). Clearing the output compare interrupt request is done by: 3. Reading the SR register while the OCFi bit is set. 4. An access (read or write) to the OCiLR register. Note: After a processor write cycle to the OCiHR register, the output compare function is inhibited until the OCiLR register is also written. If the OCiE bit is not set, the OCMPi pin is a gen- eral I/O port and the OLVLi bit will not appear when match is found but an interrupt could be gen- erated if the OCIE bit is set. The value in the 16-bit OCiR register and the OLVi bit should be changed after each successful com- parison in order to control an output waveform or establish a new elapsed timeout. The OCiR register value required for a specific tim- ing application can be calculated using the follow- ing formula: Where: ∆t = Desired output compare period (in seconds) fCPU = Internal clock frequency tPRESC = Timer clock prescaler (CC1-CC0 bits, see Table 15) The following procedure is recommended to pre- vent the OCFi bit from being set between the time it is read and the write to the OCiR register: – Write to the OCiHR register (further compares are inhibited). – Read the SR register (first step of the clearance of the OCFi bit, which may be already set). – Write to the OCiLR register (enables the output compare function and clears the OCFi bit). MS Byte LS Byte OCiROCiHR OCiLR ∆ OCiR = ∆ t * fCPU tPRESC 39 |