Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX26F011A-3V-R Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce NX26F011A-3V-R
Description  1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NX26F011A-3V-R Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NX26F011A-3V-R Datasheet HTML 2Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 3Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 4Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 5Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NX26F011A-3V-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NX26F011A
NX26F041A
6
NexFlash Technologies, Inc.
PRELIMINARY NXSF009A-0599
05/05/99 ©
INITIAL CLOCK
To wake device from standby
(Data is "Don't Care")
COMMAND TYPE
2H = Write
MAIN SECTOR ADDRESS
000H-1FF for NX26F011A
000H-7FF for NX26F041A
DEVICE ADDRESS
A0-A3 pins = 0H-FH
AUXILARY SECTOR ADDRESS
0H = main sector address 0-FFF
RESERVED
Use 00 00 00 00H
SECTOR DATA BITS
0-2112 (264 Bytes)
16 EXTRA CLOCKS
(Data is "Don't Care")
C3-C0 A11-SA0 DA3-0 A15-12 R31-R0 D0 - - - D2112 X15-X0
Control
Data
Reserved
Address
Command
Figure 6. Sector Erase/Write Instruction - Sequence and Bit Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14