| Moteur de recherche de fiches techniques de composants électroniques |
|
WLS28-2..285S Fiches technique(PDF) 4 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
WLS28-2..285S Fiches technique(HTML) 4 Page - Banner Engineering Corp. |
|
4 / 11 page ![]() ON/OFF Switch Models Model L1 L2 L3 L4 WLS28-2..145XPB 251 mm (9.9 in) 235 mm (9.3 in) 145 mm (5.71 in) 205 mm (8.1 in) WLS28-2..285XPB 392 mm (15.4 in) 376 mm (14.8 in) 286 mm (11.26 in) 346 mm (13.6 in) WLS28-2..430XPB 533 mm (21.0 in) 517 mm (20.4 in) 427 mm (16.81 in) 487 mm (19.2 in) WLS28-2..570XPB 674 mm (26.5 in) 658 mm (25.9 in) 568 mm (22.36 in) 628 mm (24.7 in) WLS28-2..710XPB 815 mm (32.1 in) 799 mm (31.5 in) 709 mm (27.91 in) 769 mm (30.3 in) WLS28-2..850XPB 956 mm (37.6 in) 940 mm (37 in) 850 mm (33.46 in) 910 mm (35.8 in) WLS28-2..990XPB 1097 mm (43.2 in) 1081 mm (42.6 in) 991 mm (39.02 in) 1051 mm (41.4 in) WLS28-2..1130XPB 1238 mm (48.7 in) 1222 mm (48.1 in) 1132 mm (44.57 in) 1192 mm (46.9 in) Performance Optical data shown below are for cool white models with a clear window only. To get lux and cendela values for models with a diffuse window and/or other colors, multiply the values shown on the charts by the following factors: Diffuse Window Warm White Green Red Yellow Blue 0.75 1.000 0.450 0.138 0.125 0.100 145 mm Models 180° 180 150 120 90 60 30 0 30 60 90 120 Mount height of 1 meter (1 m) 150 180 170°160° 150° 140° 130° 120° 110° 100° 90° 80° 70° 60° 50° 40° 30° 20° 10° 0° Polar Candela Distribution Isolux Pattern Center Beam (lux) 4343 lux 0.17 m 0.33 m 0.50 m 0.67 m 0.83 m 1.00 m Vertical Spread: 105.4° Horizontal Spread: 103.7° 0.44 m 0.43 m 0.87 m 0.83 m 1.31 m 1.27 m 1.75 m 1.70 m 1366 lux 623 lux 359 lux 2.19 m 2.12 m 235 lux 2.63 m 2.55 m 164 lux Beam Width (m) Illuminance at a Distance Vert. Horiz. 2 2 2 1 1 1 0 m 0 m 1 2 Vertical Angle: 0° Vertical 90° Horizontal 105 lux 80 lux 55 lux 40 lux 25 lux 20 lux 15 lux 5 lux Figure 1. Clear Window 180° 670 558 447 335 223 112 0 112 223 335 447 Mount height of 1 meter (1 m) 558 670 170°160° 150° 140° 130° 120° 110° 100° 90° 80° 70° 60° 50° 40° 30° 20° 10° 0° Polar Candela Distribution Isolux Pattern Center Beam (lux) 8858 lux 0.17 m 0.33 m 0.50 m 0.67 m 0.83 m 1.00 m Vertical Spread: 12.3° Horizontal Spread: 112.6° 0.04 m 0.50 m 0.07 m 1.00 m 0.11 m 1.50 m 0.14 m 2.00 m 2849 lux 1316 lux 740 lux 0.18 m 2.49 m 493 lux 0.22 m 3.00 m 342 lux Beam Width (m) Illuminance at a Distance Vert. Horiz. 2 2 2 1 1 1 0 m 0 m 1 2 Vertical Angle: 0° Vertical 90° Horizontal 335 lux 265 lux 200 lux 135 lux 65 lux 35 lux 15 lux 10 lux Figure 2. L25 Window WLS28-2 LED Strip Light 4 www.bannerengineering.com - Tel: + 1 888 373 6767 P/N 175008 Rev. J |