Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMBWLB32UT Fiches technique(PDF) 2 Page - Banner Engineering Corp.

No de pièce LMBWLB32UT
Description  WLB32 Industrial LED Light Bar (AC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BANNER [Banner Engineering Corp.]
Site Internet  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LMBWLB32UT Fiches technique(HTML) 2 Page - Banner Engineering Corp.

  LMBWLB32UT Datasheet HTML 1Page - Banner Engineering Corp. LMBWLB32UT Datasheet HTML 2Page - Banner Engineering Corp. LMBWLB32UT Datasheet HTML 3Page - Banner Engineering Corp. LMBWLB32UT Datasheet HTML 4Page - Banner Engineering Corp. LMBWLB32UT Datasheet HTML 5Page - Banner Engineering Corp. LMBWLB32UT Datasheet HTML 6Page - Banner Engineering Corp. LMBWLB32UT Datasheet HTML 7Page - Banner Engineering Corp. LMBWLB32UT Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Installing the WLB32 AC Series Lights
Figure 1. Attaching the Snap Brackets (Step 1)
Figure 2. Installing the Cascade Cover (Step 8)
1. Attach the snap brackets to the light.
2. Select a suitable horizontal or vertical dry mounting location.
3. Place the light in the mounting location and mark the positions of the snap bracket mounting holes.
4. Drill the holes and use appropriate screws to secure the snap bracket to the mounting location.
5. Snap the light onto the brackets.
6. When daisy chaining multiple lights, follow steps 1 through 5 to mount additional lights. See the application note in the
Specifications for the maximum allowed lights daisy chained together and maximum allowed cable run when choosing
mounting locations.
7. Connect the daisy chained units together using cascade cordsets (see
Accessories).
8. Install the supplied cascade cover over the output connector on the last light in the chain.
9. Plug the power cord from the first light into the wall outlet.
CAUTION: To reduce the risk of fire, electric shock, or injury to personnel:
•
Use only insulated staples or plastic ties to secure cords;
•
Route and secure cords so that they will not be pinched or damaged when the cabinet is pushed to the
wall;
•
Position the portable cabinet light with respect to the cabinet so the lamp replacement markings are
able to be read during relamping;
•
Do not recess into ceilings or soffits; and
•
Do not conceal the cords. The National Electrical Code (NEC) does not permit cords to be concealed
where damage to insulation may go unnoticed. To prevent fire danger, do not run cord behind walls,
ceilings, soffits, or cabinets where it may be inaccessible for examination. Cords should be visually
examined periodically and immediately replaced when any damage is noted.
Specifications
Operating Voltage
90 to 264 V ac (50 or 60 Hz)
Power factor > 0.95 on high setting at 120 V ac
See electrical characteristics on product label
Supply Current
Light Length (mm)
Max Current Draw (A) at 90 V ac
Typical Current Draw (A)
120 V ac
230 V ac
285
0.125
0.075
0.045
570
0.250
0.150
0.080
850
0.375
0.225
0.115
1130
0.500
0.300
0.150
WLB32 Industrial LED Light Bar (AC)
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 176314 Rev. J



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com