| Moteur de recherche de fiches techniques de composants électroniques |
|
Q240WS Fiches technique(PDF) 7 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
Q240WS Fiches technique(HTML) 7 Page - Banner Engineering Corp. |
|
7 / 10 page ![]() Beam Pattern—EU Models Typical Beam Pattern (with BRTR-CC20E Radar Target, Radar Cross Section = 50 m2) Typical Beam Pattern (with 4 different targets) 0 0 -1 -2 -3 3 2 1 5 10 15 20 25 Meters 30 35 40 45 8 1 2 3 4 5 6 7 Sensitivity 1 Sensitivity 8 1–8: Indicates sensitivity level 0 0 -1 -2 -3 -4 -5 -6 4 3 6 5 2 1 5 10 15 20 25 Meters 30 35 40 45 1 2 3 4 Car Large Truck Passenger Train Weak Object At sensitivity level 8 1: Weak Object (Radar cross section = 0.25 m2) 2: Car (Radar cross section = 3 m2) 3: Large Truck (Radar cross section = 50 m2) 4: Passenger Train (Radar cross section = 300 m2) 0 0 -1 -2 -3 -4 -5 -6 4 3 6 5 2 1 5 10 15 20 25 Meters 30 35 40 45 2 3 4 Car Large Truck Passenger Train At sensitivity level 5 NOTE: The effective beam pattern depends on the sensitivity level and target properties. R-GAGE® Q240RA-AF2 Sensor P/N 184564 Rev. C www.bannerengineering.com - Tel: +1-763-544-3164 7 |