| Moteur de recherche de fiches techniques de composants électroniques |
|
CDACV10M7CA001-R0 Fiches technique(PDF) 50 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CDACV10M7CA001-R0 Fiches technique(HTML) 50 Page - Murata Manufacturing Co., Ltd. |
|
50 / 57 page ![]() Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. P61E7.pdf 01.10.17 Lead Type Discriminators Notice 49 13 s Notice (Soldering and Mounting) The component cannot be withstand washing. s Notice (Handling) 1. Do not use this product with bend. The component may be damaged if excess mechanical stress is applied to it mounted on the printed circuit board. 2. The component may be damaged when an excess stress will be applied. 3. All kinds of re-flow soldering must not be applied on the component. 4. Do not clean or wash the component as it is not hermetically sealed. 5. Do not use strong acidity flux, more than 0.2wt% chlorine content, in flow soldering. 6. In case of covering discriminator with over coat, conditions such as material of resin, cure temperature, and so on should be evaluated well. 7. Accurate test circuit values are required to measure electrical characteristics. It may be a cause of mis-correlation if there is any deviation, especially stray capacitance, from the test circuit in the specification. |