Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFECV10M7FA00-R0 Fiches technique(PDF) 55 Page - Murata Manufacturing Co., Ltd.

No de pièce SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Fiches technique(HTML) 55 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
Example of Appllied Circuit
54
13
s LA1140(Automotive Radio)
16
4
10
5
14
6
1
2
3
12
9
11
13
8
7
AFC
LA1140
(SANYO)
SFELA10M7HAA0-B0
SFELA10M7HAA0-B0
C.F.
AGC
C.F.
0.047 x 2
Vref.
+
+
C9 0.047
C10 4.7
µ
R13
12k
R14
L2
C11
33p
C8
0.047
C7
0.047
L1 2.2
µH
R7 200
R8
330
R3
R2
R6
330
R9
220k
R2
47k
C14
0.047
C3
0.047
C2
0.022
C1
0.022
R1
100
R2
1k
R4
10k
C13
33p
22k
R10
C15
0.047
C6
C5
C4
VR1
150k
1.8k
1.8k
15
2.2
µ
FRONT
END
+
s CXA1019M(Radio)
R
FM PF
FM OSC
W
W
W
W
W
W
W
W
19
17
6
7
8
14
2
25
26
13
8
28
27
3
24
4
21
23
22
1
RIPPLE
FILTER
REGULATOR
TUNING
METER
VOL
CXA1019M(SONY)
FM IF
AMP
DETECTOR
AF
PRE/POWER
AMP
AM IF
AMP
DETECTOR
FM
FRONT
END
AM
FRONT
END
FM
BPF
METER
AM IF
IN
Vcc
SP
AF IN
VOL
AM OSC
AM ANT
DEP
OUT
FM/AM
BAND SELECT
REG
OUT
FM DISCRI
FM IF
IN
FM CERAFIL®
(SFELA10M7FA00-B0)
CERAMIC DISCRIMINATOR
(CDALA10M7CA001-B0)
IF
OUT
AM CERAFIL®
(SFULA455KU2B-B0)
10
13
12
20 16
18
11
5
No adjustment is needed the FM detection stage due to use the ceramic discriminator.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57