Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFECV10M7KA00-R0 Fiches technique(PDF) 53 Page - Murata Manufacturing Co., Ltd.

No de pièce SFECV10M7KA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7KA00-R0 Fiches technique(HTML) 53 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7KA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
Packaging
52
13
Continued from the preceding page.
s Lead Type Discriminator CDALA Series
(in mm)
Hold down tape doesn't exceed the carrier tape
The pitch of 20 sprocket holes
P2
P
P1
P0
F
D0
t
∆S1
Item
Code
Dimensions
Tolerance
Remarks
Lead length under the hole down tape
Pitch of component
Pitch of sprocket hole (1)
Length from hole center to lead
Length from hole center to component center
Lead spacing
Slant to the forward or backward
Slant to the left or right
Width of carrier tape
Width of hold down tape
Position of sprocket hole
Diameter of sprocket hole
Total tape thickness
Pitch of sprocket hole (2)
L1
P
P0
P1
P2
F
∆h
∆S1
W
W0
W1
W2
H0
D0
t
Po20
3.0 min.
12.7
12.7
3.85
6.35
5.0
0
0
18.0
6.0 min.
9.0
0
18.0
ø4.0
0.6
254.0
———
±0.5
±0.2
±0.5
±0.5
±1.0
±1.0
±0.5
———
±0.5
±0.5
±0.2
±0.2
±1.5
+0.5
-0.0
+0.5
-0.2
∆h ∆h
Gap of hold down tape and
Carrier tape
Distance between the center of
sprocket hole and lead stopper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57