Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SME312LP Fiches technique(PDF) 13 Page - Banner Engineering Corp.

No de pièce SME312LP
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BANNER [Banner Engineering Corp.]
Site Internet  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SME312LP Fiches technique(HTML) 13 Page - Banner Engineering Corp.

Back Button SME312LP Datasheet HTML 5Page - Banner Engineering Corp. SME312LP Datasheet HTML 6Page - Banner Engineering Corp. SME312LP Datasheet HTML 7Page - Banner Engineering Corp. SME312LP Datasheet HTML 8Page - Banner Engineering Corp. SME312LP Datasheet HTML 9Page - Banner Engineering Corp. SME312LP Datasheet HTML 10Page - Banner Engineering Corp. SME312LP Datasheet HTML 11Page - Banner Engineering Corp. SME312LP Datasheet HTML 12Page - Banner Engineering Corp. SME312LP Datasheet HTML 13Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SMB3018SC
•
18 mm swivel side or
barrel-mount bracket
•
Black reinforced
thermoplastic polyester
•
Stainless steel swivel
locking hardware
included
B
A
67
59
29
Hole center spacing: A = 50.8
Hole size: A = ø 7.0, B = ø 18.0
SMB30SUS
•
Side-mount swivel with
extended range of motion
•
Black reinforced
thermoplastic polyester
•
Stainless steel swivel locking
hardware included
A
67
58
29
B
Hole center spacing: A = 50.8, B = 24.1
Hole size: A = ø 7, B = ø 7.6
SMB312S
•
Stainless steel 2-axis,
side-mount bracket
46
B
C
A
32
20
A = 4.3 × 7.5, B = diam. 3, C = 3
× 15.3
SMB312B
•
Stainless steel 2-axis,
bottom-mount bracket
•
Includes mounting foot
51
24
23
B
C
A
A = diam. 6.9, B = 4.3 × 10.5, C
= 3.1 × 15.2
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp.
will repair or replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty
period. This warranty does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION,
ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE
OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE
LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL,
CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER
ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product
previously manufactured by Banner Engineering Corp.
Copyright Notice
Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not
intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product
warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at any
time. For the most recent version of any documentation, refer to: www.bannerengineering.com. © Banner Engineering Corp. All rights reserved.
MINI-BEAM SME312 Expert Series
www.bannerengineering.com - Tel: +1-763-544-3164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com