Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D10B2PFP Fiches technique(PDF) 13 Page - Banner Engineering Corp.

No de pièce D10B2PFP
Description  D10 Expert??Series with Bar Graph Display and Discrete Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BANNER [Banner Engineering Corp.]
Site Internet  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10B2PFP Fiches technique(HTML) 13 Page - Banner Engineering Corp.

Back Button D10B2PFP Datasheet HTML 6Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 7Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 8Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 9Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 10Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 11Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 12Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 13Page - Banner Engineering Corp. D10B2PFP Datasheet HTML 14Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Accessories
Quick Disconnect Cordsets
6-Pin Snap-on M8/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
PKG6Z-2
2 m (6.5 ft)
Straight
ø 9.0
32 Typ.
3
2
4
5
6
1
1 - brown
2 = White
3 = Blue
4 = Black
5 = Gray
6 = Pink
PKG6Z-9
9 m (30 ft)
PKW6Z-2
2 m (6.5 ft)
Right-angle
ø 10.9
29 Typ.
15 Typ.
PKW6Z-9
9 m (30 ft)
DIN Rail Accessories
SA-DIN-CLAMP
•
Pair of metal DIN rail end stops; slide onto DIN rail at either side of the sensor stack
•
Combination (#2 Phillips, #8 standard slotted) set screw
9.1 mm
(0.36")
9.1 mm
(0.63")
45.0 mm
(1.77")
SA-D10B-CAP
Package of 5 each replacement terminal caps and plugs to cover beginning and end of stack of connected sensors.
D10 Expert™ Series with Bar Graph Display and Discrete Output
P/N 117830 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com