Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL-R5115 Fiches technique(PDF) 2 Page - Yellow Stone Corp

No de pièce BL-R5115
Description  STANDARD LED LAMPS(RECTANGULAR TYPES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R5115 Fiches technique(HTML) 2 Page - Yellow Stone Corp

  BL-R5115 Datasheet HTML 1Page - Yellow Stone Corp BL-R5115 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-089
BL-Rxx15 Series
L-090
BL-Rxx35 Series
L-091
BL-Rxx35A Series
L-092
BL-Rxx35B Series
L-093
BL-Rxx36 Series
L-094
BL-Rxx36A Series
L-095
BL-Rxx37 Series
L-096
BL-Rxx38 Series
Notes
1.All Dimensions are in millimeters (inches).
2.Tolerance isA0.25mm (.010").
MIN.
19.8(.780)
1.0(.039)
5.1(.201)
2.8(.110)
4.6(.181)
4.0(.157)
1.0(.039)
0.5(.020) SQ.TYP.
2.7(.106)
NOM.
4.4 0.5(.17 .02)
AA
2.54(.100)
5.0(.197)
1.5(.059) MAX.
1.0 0.1(.04 .004)
AA
MIN.
NOM.
2.8(.110)
5.1(.201)
1.0(.039)
25.4(1.00) MIN.
2.54(.100)
4.0(.157)
4.6(.181)
1.5(.059) MAX.
5.0(.197)
0.5(.020) SQ.TYP.
2.7(.106)
1.0(.039)
NOM.
MIN.
5.0(.197)
1.0(.039)
2.54(.100)
25.4(1.00) MIN.
1.5(.059) MAX.
5.1(.201)
2.8(.110)
0.5(.020) SQ.TYP.
3.6(.142)
4.4(.173)
1.0(.039)
1.0(.039) MIN.
25.4(1.00) MIN.
4.5(.177)
3.5(.138)
1.5(.059) MAX.
0.5(.020) SQ.TYP.
2.54(.10) NOM.
4.9(.193)
3.0(.118)
2.8(.110)
1.0(.039)
3.0(.118)
5.0(.197)
NOM.
MIN.
2.7(.106)
2.3(.091)
5.3(.209)
2.54(.100)
1.0(.039)
25.4(1.00) MIN.
0.7(.028)
1.5(.059) MAX.
5.9(.232)
2.8(.110)
0.5(.020) SQ.TYP.
4.5(.177)
3.0(.118)
6.0(.236)
1.9(.075)
MIN.
1.0(.039)
25.4(1.00) MIN.
1.5(.059) MAX.
2.54(.100) NOM.
0.8(.031)
5.15(.2023)
2.85(.112)
5.7(.224)
2.2(.086)
0.5(.020) SQ.TYP.
5.9(.232)
2.9(.114)
4.65(.183)
2.7(.106)
1.87(.073)
NOM.
MIN.
MAX.
1.0(.039)
2.54(.100)
3.0(.118)
4.8(.188)
1.5(.059)
3.0(.118)
0.5(.020) SQ.TYP.
7.0(.275)
25.4(1.00) MIN.
4.8(.188)
MIN.
NOM.
5.2(.205)
2.54(.100)
1.0(.039)
25.4(1.00) MIN.
1.5(.059) MAX.
4.0(.157)
0.5(.020) SQ.TYP.
1.9(.075)
2.0(.079)
1.8(.071)
6.0(.236)
5.3(.209)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2