Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2225B104F152CT Fiches technique(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce 2225B104F152CT
Description  Halogen Free & RoHS Compliance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

2225B104F152CT Fiches technique(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 2225B104F152CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 6 of 10
ASC_1825 2220 2225_025I_DS
May. 2019
6. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
Item
Test Condition
Requirements
1. Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2. Capacitance
Class I: (NP0)
C
≤1000pF, 1.0±0.2Vrms,1MHz±10%
C>1000pF, 1.0±0.2Vrms,1KHz±10%
Class II: (X7R)
C
≤10µF, 1.0±0.2Vrms,1KHz±10%
C>10µF, 0.5±0.2Vrms,120Hz±20%
At 25°C ambient temperature.
* Shall not exceed the limits given in the detailed spec.
3. Q/ D.F.
(Dissipation
Factor)
* Q/DF:
NP0: Cap
≥30pF, Q≥1000; Cap<30pF,Q≥400+20C.
X7R:
≤2.5%.
4. Dielectric
Strength
*To apply voltage (
≤100V) 250%.
*Duration: 1 to 5 sec.
*Charge & discharge current less than 50mA.
* No evidence of damage or flash over during test.
*To apply voltage:
200V ~ 300V
≥ 2 times V DC
500V ~ 999V
≥ 1.5 times V DC
1000V ~ 3000V
≥ 1.2 times V DC
4000V
≥ 1.1 times V DC
*Duration: 1 to 5 sec.
*Charge & discharge current less than 50mA.
5. Insulation
Resistance
UR
≤100V: To apply voltage at U
R for max. 120 sec.
UR>100V: To apply voltage at UR (500V max.) for 60 sec.
*
≥10G or R•C≥100 -F whichever is smaller.
6. Temperature
Coefficient
With no electrical load.
T.C.
Operating Temp
NP0
-55~125°C at 25°C
X7R
-55~125°C at 25°C
* Capacitance change:
NP0: Within ±30ppm/°C.
X7R: Within ±15%.
7. Adhesive
Strength of
Termination
* Pressurizing force:10N
* Test time: 10±1 sec.
* No remarkable damage or removal of the terminations.
8. Vibration
Resistance
* Vibration frequency: 10~55 Hz/min.
* Total amplitude: 1.5mm
* Test time: 6 hrs. (Two hrs each in three mutually perpendicular
directions.)
* No remarkable damage.
* Cap change and Q/D.F.: To meet initial spec.
9. Solderability
* Solder temperature: 235±5°C
* Dipping time: 2±0.5 sec.
75% min. coverage of all metalized area.
10. Bending Test
* The middle part of substrate shall be pressurized by means of the
pressurizing rod at a rate of about 1 mm per second until the
deflection becomes 1 mm and then the pressure shall be maintained
for 5±1 sec.
* Measurement to be made after keeping at room temp. for 24±2 hrs.
* No remarkable damage.
* Cap change: NP0: within ±5% or 0.5pF whichever is larger.
X7R: within ±12.5%.
(This capacitance change means the change of capacitance
under specified flexure of substrate from the capacitance
measured before the test.)
11. Resistance to
Soldering Heat
* Solder temperature: 260±5°C
* Dipping time: 10±1 sec
* Preheating: 120 to 150°C for 1 minute before imme rse the capacitor
in a eutectic solder.
* Before initial measurement (Class II only): Perform 150+0/-10°C for
1 hr and then set for 24±2 hrs at room temp.
* Measurement to be made after keeping at room temp. for 24±2 hrs.
* No remarkable damage.
* Cap change:NP0: within ±2.5% or 0.25pF whichever is larger.
X7R: within ±7.5%.
* Q/D.F., I.R. and dielectric strength: To meet initial
requirements.
* 25% max. leaching on each edge.
12. Temperature
Cycle
* Conduct the five cycles according to the temperatures and time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
* Before initial measurement (Class II only): Perform 150+0/-10°C for
1 hr and then set for 24±2 hrs at room temp.
* Measurement to be made after keeping at room temp. for 24±2 hrs.
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or 0.25pF whichever is larger.
X7R: within ±7.5%.
* Q/D.F.:
NP0: To meet initial requirements.
X7R:
≤1.5 × Initial requirements.
* I.R: To meet initial requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10