Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST24E64EB3TR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce ST24E64EB3TR
Description  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E64EB3TR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button ST24E64EB3TR Datasheet HTML 8Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 9Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 10Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 11Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 12Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 13Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 14Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 15Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ORDERING INFORMATION SCHEME
Parts are shipped with the memory content set at all ”1’s” (FFh).
For a list of available options (Operating Voltage, Range, Package, etc...) refer to the current Memory
Shortform catalogue.
For further information on any aspect of this device, please contact the SGS-THOMSON Sales Office
nearest to you.
Operating Voltage
24 4.5V to 5.5V
25 2.5V to 5.5V
Range
E
Extended
Addressing
Package
B
PSDIP8
0.25mm Frame
M SO8
200mil Width
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
3 * –40 to 125
°C
Option
TR Tape & Reel
Packing
Example:
ST24E64
M
1
TR
Note: 3 * Temperature Range on special request only.
13/16
ST24E64, ST25E64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16