| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC2GU04DBVT Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2GU04DBVT Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 12 page ![]() MECHANICAL DATA MXBG003A NOVEMBER 2001 – REVISED MAY 2002 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 YEA (R–XBGA–N6) DIE–SIZE BALL GRID ARRAY 4203167–3/C 04/2002 0,85 0,95 0,50 MAX 0,35 MAX 1,45 1,35 A B A M C 0,05 0,05 0,05 0,10 0,15 C SEATING PLANE C C M 0,15 0,19 0,25 PIN A1 INDEX AREA 1 6X 2 A B B C 0,50 0,50 1,00 NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. NanoStar package configuration. D. Package complies to JEDEC MO–211 variation EA. E. This package is tin–lead (SnPb). Refer to the 6 YZA package (drawing 4204151) for lead–free. |