Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND600PEP Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce VND600PEP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600PEP Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button VND600PEP Datasheet HTML 3Page - STMicroelectronics VND600PEP Datasheet HTML 4Page - STMicroelectronics VND600PEP Datasheet HTML 5Page - STMicroelectronics VND600PEP Datasheet HTML 6Page - STMicroelectronics VND600PEP Datasheet HTML 7Page - STMicroelectronics VND600PEP Datasheet HTML 8Page - STMicroelectronics VND600PEP Datasheet HTML 9Page - STMicroelectronics VND600PEP Datasheet HTML 10Page - STMicroelectronics VND600PEP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10/11
VND600PEP
PowerSSO-24™ MECHANICAL DATA
DIM.
mm.
MIN.
TYP
MAX.
A
1.9
2.22
A2
1.9
2.15
a1
0
0.07
b
0.34
0.4
0.46
c
0.23
0.32
D
10.2
10.4
E7.4
7.6
e0.8
e3
8.8
G
0.1
G1
0.06
H
10.1
10.5
h
0.4
L
0.55
0.85
N
10º
X3.9
4.3
Y6.1
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11