Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN750PEP Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VN750PEP
Description  HIGH SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PEP Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VN750PEP Datasheet HTML 6Page - STMicroelectronics VN750PEP Datasheet HTML 7Page - STMicroelectronics VN750PEP Datasheet HTML 8Page - STMicroelectronics VN750PEP Datasheet HTML 9Page - STMicroelectronics VN750PEP Datasheet HTML 10Page - STMicroelectronics VN750PEP Datasheet HTML 11Page - STMicroelectronics VN750PEP Datasheet HTML 12Page - STMicroelectronics VN750PEP Datasheet HTML 13Page - STMicroelectronics VN750PEP Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
VN750PEP
DIM.
mm.
MIN.
TYP
MAX.
A
1.250
1.620
A1
0.000
0.100
A2
1.100
1.650
B
0.230
0.410
C
0.190
0.250
D
4.800
5.000
E
3.800
4.000
e0.800
H
5.800
6.200
h
0.250
0.500
L
0.400
1.270
k
0º
8º
X
1.900
2.500
Y
3.600
4.200
ddd
0.100
PSSO-12TM MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14