Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP80MC-230 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SMP80MC-230
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP80MC-230 Fiches technique(HTML) 8 Page - STMicroelectronics

  SMP80MC-230 Datasheet HTML 1Page - STMicroelectronics SMP80MC-230 Datasheet HTML 2Page - STMicroelectronics SMP80MC-230 Datasheet HTML 3Page - STMicroelectronics SMP80MC-230 Datasheet HTML 4Page - STMicroelectronics SMP80MC-230 Datasheet HTML 5Page - STMicroelectronics SMP80MC-230 Datasheet HTML 6Page - STMicroelectronics SMP80MC-230 Datasheet HTML 7Page - STMicroelectronics SMP80MC-230 Datasheet HTML 8Page - STMicroelectronics SMP80MC-230 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SMP80MC
8/9
Table 6: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
SMP80MC-120
TP12
SMB
0.11 g
2500
Tape & reel
SMP80MC-140
TP14
SMP80MC-160
TP16
SMP80MC-200
TP20
SMP80MC-230
TP23
SMP80MC-270
TP27
Table 7: Revision History
Date
Revision
Description of Changes
September-2001
1
First issue.
11-May-2005
2
New types introduction.
20-Jun-2005
3
Qualification of new types



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com