| Moteur de recherche de fiches techniques de composants électroniques |
|
CSD1306F Fiches technique(PDF) 1 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CSD1306F Fiches technique(HTML) 1 Page - Continental Device India Limited |
|
1 / 3 page ![]() Continental Device India Limited An IS/ISO 9002 and IECQ Certified Manufacturer NPN SILICON PLANAR EPITAXIAL TRANSISTOR CSD1306 (SAW) SOT-23 Formed SMD Package Marking CSD1306E=06 ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL UNITS Collector Base Voltage VCBO V Collector Emitter Voltage VCEO V Emitter Base Voltage VEBO V Collector Current Continuous IC mA Collector Current Peak ICP A Power Dissipation @ Ta=25ºC PD mW Operating and Storage Junction Temperature Range Tj, Tstg ºC Electrical Characterstics (Ta=25ºC unless specified otherwise) DESCRIPTION SYMBOL CONDITIONS MIN TYP MAX UNIT Collector Base Voltage VCBO IC=10µA, IE=0 30 V Collector Emitter Voltage VCEO IC=10mA, IB=0 15 V Emitter Base Voltage VEBO IE=1µA, IC=0 5 V Collector Cut off Current ICBO VCB=20V, IE=0 1.0 µA Emitter Cut off Current IEBO VEB=5V, IC=0 1.0 µA Base Emitter On Voltage VBE (on) VCE =1V, IC=150mA 1.0 V Collector Emitter Saturation Voltage VCE (sat) IC=500mA, IB=50mA 0.5 V DC Current Gain hFE VCE =1V, IC=150mA 250 1200 Transition Frequency fT VCE=1V, IC=150mA, 250 MHz Output Capacitance Cob VCB=10V, f=1MHz 10 pF Input Capacitance Cib VEB=0.5V, IC=0, f=1MHz 100 pF hFE Classification CSD1306ERev_3 300103E D : 250 - 500 E : 300 - 800 F : 600 -1200 1 VALUE 30 15 5 700 200 - 55 to +150 PIN CONFIGURATION (NPN) 1 = BASE 2 = EM ITTER 3 = COLLECTOR 2 1 3 IS/ISO 9002 Lic# QSC/L-000019.3 Continental Device India Limited Data Sheet Page 1 of 3 |
Numéro de pièce similaire - CSD1306F |
|
Description similaire - CSD1306F |