Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRF6672 Fiches technique(PDF) 3 Page - Allegro MicroSystems

No de pièce STRF6672
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRF6672 Fiches technique(HTML) 3 Page - Allegro MicroSystems

  STRF6672 Datasheet HTML 1Page - Allegro MicroSystems STRF6672 Datasheet HTML 2Page - Allegro MicroSystems STRF6672 Datasheet HTML 3Page - Allegro MicroSystems STRF6672 Datasheet HTML 4Page - Allegro MicroSystems STRF6672 Datasheet HTML 5Page - Allegro MicroSystems STRF6672 Datasheet HTML 6Page - Allegro MicroSystems STRF6672 Datasheet HTML 7Page - Allegro MicroSystems STRF6672 Datasheet HTML 8Page - Allegro MicroSystems STRF6672 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
3
OUTPUT MAXIMUM RATINGS at T
A = +25°C
Part Number
V
DSS (V)
r
DS(on) (Ω)EAS (mJ)*
I
D (A)†
I
DM (A)
P
OUT (W)
at V
IN (V rms)
STR-F6624
450
0.92
204
16
19
98
100
130
120
STR-F6626
450
0.58
327
16
26
145
100
190
120
STR-F6628
450
0.35
647
22
36
225
100
290
120
STR-F6632
500
2.54
7.4
9.0
11.2
36
100
50
120
STR-F6652
650
2.8
126
7.9
10
40
85-265
86
220
STR-F6653
650
1.95
260
5.6
14
58
85-265
120
220
STR-F6654
650
1.15
399
9.7
18
92
85-265
190
220
STR-F6656
650
0.71
521
16
25
150
85-265
300
220
STR-F6672
900
7.7
163
4.6
6.4
25 (no heatsink)
220
50 (with heat sink)
220
STR-F6674
900
4.49
242
6.0
9.2
28
85-265
76
220
STR-F6676
900
2.81
275
7.8
12
44
85-265
115
220
* Derate per graph, page 2
† Derate per graph, page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16