Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RS358S Fiches technique(PDF) 4 Page - Princeton Technology Corp

No de pièce RS358S
Description  Low Power Dual Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PTC [Princeton Technology Corp]
Site Internet  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS358S Fiches technique(HTML) 4 Page - Princeton Technology Corp

  RS358S Datasheet HTML 1Page - Princeton Technology Corp RS358S Datasheet HTML 2Page - Princeton Technology Corp RS358S Datasheet HTML 3Page - Princeton Technology Corp RS358S Datasheet HTML 4Page - Princeton Technology Corp RS358S Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RS358
V1.0
4
May 2013
ORDER INFORMATION
Part Number
Package Type
RS358S
8-Pin, SOP, 150mil
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
Description
Pin No.
OUT A
Output A
1
INN A
Inverting input A (-)
2
INP A
Non inverting input A (+)
3
VEE
Connect to GND or negative voltage.
4
INP B
Non inverting input B (+)
5
INN B
Inverting input B (-)
6
OUT B
Output B
7
VCC
Supply voltage
8



Html Pages

1 2 3 4 5