Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2901D Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LM2901D
Description  Quad Single Supply Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2901D Fiches technique(HTML) 1 Page - ON Semiconductor

  LM2901D Datasheet HTML 1Page - ON Semiconductor LM2901D Datasheet HTML 2Page - ON Semiconductor LM2901D Datasheet HTML 3Page - ON Semiconductor LM2901D Datasheet HTML 4Page - ON Semiconductor LM2901D Datasheet HTML 5Page - ON Semiconductor LM2901D Datasheet HTML 6Page - ON Semiconductor LM2901D Datasheet HTML 7Page - ON Semiconductor LM2901D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
October, 1999 – Rev. 3
1
Publication Order Number:
LM339/D
LM339, LM339A, LM239,
LM239A, LM2901, M2901V,
MC3302
Quad Single Supply
Comparators
These comparators are designed for use in level detection, low–level
sensing and memory applications in consumer automotive and
industrial electronic applications.
Single or Split Supply Operation
Low Input Bias Current: 25 nA (Typ)
Low Input Offset Current: ±5.0 nA (Typ)
Low Input Offset Voltage: ±1.0 mV (Typ) LM139A Series
Input Common Mode Voltage Range to Gnd
Low Output Saturation Voltage: 130 mV (Typ) @ 4.0 mA
TTL and CMOS Compatible
ESD Clamps on the Inputs Increase Reliability without Affecting
Device Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
Vdc
LM239, A/LM339A/LM2901, V
+36 or
±18
MC3302
+30 or
±15
Input Differential Voltage Range
VIDR
Vdc
LM239, A/LM339A/LM2901, V
36
MC3302
30
Input Common Mode Voltage Range
VICMR
–0.3 to VCC
Vdc
Output Short Circuit to Ground (Note 1)
ISC
Continuous
Power Dissipation @ TA = 25°C
PD
Plastic Package
1.0
W
Derate above 25
°C
8.0
mW/
°C
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
°C
LM239, A
–25 to +85
MC3302
–40 to +85
LM2901
–40 to +105
LM2901V
–40 to +125
LM339, A
0 to +70
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE: 1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC.
Output short circuits to VCC can cause excessive heating and eventual destruction.
http://onsemi.com
PIN CONNECTIONS
14
1
14
1
N, P SUFFIX
CASE 646
SO–14
D SUFFIX
CASE 751A
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
– Input 1
Output 1
Output 3
Output 4
+ Input 1
– Input 2
+ Input 2
+ Input 4
– Input 4
+ Input 3
– Input 3
VCC
Gnd
)
*
)
*
4
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
Figure 1. Circuit Schematic
VCC
+ Input
– Input
Output
Gnd
NOTE: Diagram shown is for 1 comparator.


Numéro de pièce similaire - LM2901D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM2901D MOTOROLA-LM2901D Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
NXP Semiconductors
LM2901D PHILIPS-LM2901D Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM2901D STMICROELECTRONICS-LM2901D Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
Texas Instruments
LM2901D TI-LM2901D Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM2901D ONSEMI-LM2901D Datasheet
105Kb / 10P
Single Supply Quad Comparators
July, 2004 ??Rev. 13
More results

Description similaire - LM2901D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com