Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

82801DB Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Fiches technique(HTML) 21 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 17Page - Intel Corporation 82801DB Datasheet HTML 18Page - Intel Corporation 82801DB Datasheet HTML 19Page - Intel Corporation 82801DB Datasheet HTML 20Page - Intel Corporation 82801DB Datasheet HTML 21Page - Intel Corporation 82801DB Datasheet HTML 22Page - Intel Corporation 82801DB Datasheet HTML 23Page - Intel Corporation 82801DB Datasheet HTML 24Page - Intel Corporation 82801DB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 587 page
background image
Intel® 82801DB ICH4 Datasheet
21
5-21
Short Message.............................................................................................117
5-22
APIC Bus Status Cycle Definition ................................................................ 118
5-23
Lowest Priority Message (Without Focus Processor) .................................. 119
5-24
Remote Read Message ............................................................................... 120
5-25
Interrupt Message Address Format .............................................................123
5-26
Interrupt Message Data Format ...................................................................124
5-27
Stop Frame Explanation .............................................................................. 125
5-28
Data Frame Format...................................................................................... 126
5-29
Configuration Bits Reset By RTCRST# Assertion ....................................... 129
5-30
INIT# Going Active.......................................................................................131
5-31
NMI Sources ................................................................................................ 132
5-32
DP Signal Differences.................................................................................. 132
5-33
Frequency Strap Behavior Based on Exit State........................................... 134
5-34
Frequency Strap Bit Mapping ...................................................................... 134
5-35
General Power States for Systems Using Intel® ICH4 ................................ 135
5-36
State Transition Rules for Intel® ICH4 ......................................................... 136
5-37
System Power Plane.................................................................................... 137
5-38
Causes of SMI# and SCI ............................................................................. 138
5-39
Break Events................................................................................................ 139
5-40
Sleep Types ................................................................................................. 142
5-41
Causes of Wake Events............................................................................... 143
5-42
GPI Wake Events......................................................................................... 143
5-43
Transitions Due to Power Failure................................................................. 144
5-44
Transitions Due to Power Button ................................................................. 146
5-45
Transitions Due to RI# Signal ...................................................................... 147
5-46
Write Only Registers with Read Paths in ALT Access Mode....................... 149
5-47
PIC Reserved Bits Return Values................................................................ 150
5-48
Register Write Accesses in ALT Access Mode............................................ 151
5-49
Intel® ICH4 Clock Inputs .............................................................................. 152
5-50
Alert on LAN* Message Data ....................................................................... 158
5-51
GPIO Implementation .................................................................................. 159
5-52
IDE Legacy I/O Ports: Command Block Registers (CS1x# Chip Select) ..... 163
5-53
IDE Transaction Timings (PCI Clocks) ....................................................... 164
5-54
Interrupt/Active Bit Interaction Definition...................................................... 168
5-55
UltraATA/33 Control Signal Redefinitions .................................................... 169
5-56
Frame List Pointer Bit Description ............................................................... 172
5-57
TD Link Pointer ............................................................................................ 173
5-58
TD Control and Status ................................................................................. 174
5-59
TD Token ..................................................................................................... 176
5-60
TD Buffer Pointer ......................................................................................... 176
5-61
Queue Head Block.......................................................................................177
5-62
Queue Head Link Pointer............................................................................. 177
5-63
Queue Element Link Pointer ........................................................................ 177
5-64
Command Register, Status Register, and TD Status Bit Interaction ........... 180
5-65
Queue Advance Criteria............................................................................... 182
5-66
USB Schedule List Traversal Decision Table .............................................. 183
5-67
PID Format................................................................................................... 185
5-68
PID Types ....................................................................................................185
5-69
Address Field ............................................................................................... 186
5-70
Endpoint Field .............................................................................................. 186
5-71
Token Format............................................................................................... 187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More