Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2R150PL Fiches technique(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No de pièce 2R150PL
Description  2-Electrode arrester
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Site Internet  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

2R150PL Fiches technique(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  2R150PL Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. 2R150PL Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. 2R150PL Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1) Sampling size in accordance to AQL(C=0)
2) DC spark-over voltage ±30% after load
3) Tests according to ITU-T Rec. K. 12 and IEC61643-1
Packaging
100PCS/Box
Cautions and warnings
●
Surge arresters must not be operated directly in power supply networks
●
Surge arresters may become hot in case of longer periods of current stress (danger of burning).
●
If the contacts of the surge arrester are defective, current stress can lead to the formation of
sparks and loud noises.
●
Surge arresters may be used only within their specified values. In case of overload, the head
contacts may fail or the component may be destroyed.
●
Damaged surge arresters must not be re-used
2-Electrode arrester
http://www.trr-jx.com
version: 02
2R-P series



Html Pages

1 2 3