Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7809LP Fiches technique(PDF) 21 Page - Maxwell Technologies

No de pièce 7809LP
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXWELL [Maxwell Technologies]
Site Internet  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LP Fiches technique(HTML) 21 Page - Maxwell Technologies

Back Button 7809LP Datasheet HTML 15Page - Maxwell Technologies 7809LP Datasheet HTML 16Page - Maxwell Technologies 7809LP Datasheet HTML 17Page - Maxwell Technologies 7809LP Datasheet HTML 18Page - Maxwell Technologies 7809LP Datasheet HTML 19Page - Maxwell Technologies 7809LP Datasheet HTML 20Page - Maxwell Technologies 7809LP Datasheet HTML 21Page - Maxwell Technologies 7809LP Datasheet HTML 22Page - Maxwell Technologies 7809LP Datasheet HTML 23Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
Note: All dimensions in inches
24-PIN RAD-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.255
0.278
0.302
b
0.015
0.017
0.022
c
0.006
0.008
0.010
D
--
0.596
0.640
E
0.900
0.400
0.410
E1
--
--
0.440
E2
0.268
0.270
0.272
E3
0.055
0.065
--
e
0.050 BSC
L
0.420
0.430
0.045
Q
0.040
0.045
0.006
S1
0.006
0.014
--
N24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23