Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL640H70WHIN Fiches technique(PDF) 51 Page - Advanced Micro Devices

No de pièce AM29DL640H70WHIN
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H70WHIN Fiches technique(HTML) 51 Page - Advanced Micro Devices

Back Button AM29DL640H70WHIN Datasheet HTML 46Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 47Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 48Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 49Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 50Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 51Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 52Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 53Page - Advanced Micro Devices AM29DL640H70WHIN Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
February 9, 2005
Am29DL640H
49
PHYSICAL DIMENSIONS
FBE063—63-Ball Fine-Pitch Ball Grid Array (
fBGA) 12 x11mmpackage
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54