| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86319 Fiches technique(PDF) 13 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86319 Fiches technique(HTML) 13 Page - Zilog, Inc. |
|
13 / 23 page ![]() Z86319 Zilog PS/2 Mouse Controller DS97KEY1605 P R E L I M I N A R Y 13 1 FUNCTIONAL DESCRIPTION The Z86319 MCU incorporates the following special fea- tures to enhance the Z8 architectural core for use in mice, trackballs, and other consumer applications. Reset. Upon power-up, the Power-On Reset circuit waits for TPOR, plus 18 clock cycles, then starts program exe- cution at address 000CH (Figure 13). The Z86319 control registers' reset values are shown in Table 4. Figure 13. Internal Reset Configuration Table 4. Z86319 Control Registers Reset Values Addr. Reg. D7 D6 D5 D4 D3 D2 D1 D0 Comments F1 TMR 0 0 0 0 0 0 0 0 F2 T1 U U U U U U U U F3 PRE1 U U U U U U 0 0 F4 T0 U U U U U U U U F5 PRE0 U U U U U U U 0 F6 P2M 1 1 1 1 1 1 1 1 Inputs after reset F7 P3M U U U U U U 1 0 F8 P01M U U U 0 U U 0 1 F9 IPR U U U U U U U U FA IRQ U U 0 0 0 0 0 0 FB IMR 0 U U U U U U U FC FLAGS U U U U U U U U FD RP U U U U U U U U FF SPL U U U U U U U U Delay TPOR 18 CLK Reset Filter Chip Reset RC OSC POR (Cold Start) |