| Moteur de recherche de fiches techniques de composants électroniques |
|
IXGH40N30 Fiches technique(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXGH40N30 Fiches technique(HTML) 2 Page - IXYS Corporation |
|
2 / 2 page ![]() IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 IXYS reserves the right to change limits, test conditions, and dimensions. IXGH 40N30 IXGH 40N30A IXGH 40N30B IXGH 40N30S IXGH 40N30AS IXGH 40N30BS TO-247 AD Outline Dim. Millimeter Inches Min. Max. Min. Max. A 4.7 5.3 .185 .209 A 1 2.2 2.54 .087 .102 A 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 C .4 .8 .016 .031 D 20.80 21.46 .819 .845 E 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 L 19.81 20.32 .780 .800 L1 4.50 .177 ∅P 3.55 3.65 .140 .144 Q 5.89 6.40 0.232 0.252 R 4.32 5.49 .170 .216 S 6.15 BSC 242 BSC 1 2 3 TO-247 SMD Outline 1 - Gate 3 - Source (Emitter 2 - Drain (collector) 4 - Drain (collector Dim. Millimeter Inches Min. Max. Min. Max. A 4.83 5.21 .190 .205 A1 2.29 2.54 .090 .100 A2 1.91 2.16 .075.085 b 1.14 1.40 .045.05 5 b1 1.19 2.13 .075.084 C 0.61 0.80 .024 .031 D 20.80 21.34 .819 .840 E 15.75 16.13 .620 .635 e 5.45 BSC .215 BSC L 4.90 5.10 .193 .201 L1 2.70 2.90 .106 .114 L2 2.10 2.30 .083 .091 L3 0.00 0.10 .000 .004 L4 1.90 2.10 .075.083 ∅P 3.55 3.65 .140 .144 Q 5.59 6.20 .220 .244 R 4.32 4.83 .170 .190 S 6.15 BSC .242 BSC Min. Recommended Footprint (Dimensions in inches and mm) Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) min. typ. max. g fs I C = I C90; VCE = 10 V, 20 28S Pulse test, t ≤ 300 µs, duty cycle ≤ 2 % C ies 2500 pF C oes V CE = 25 V, VGE = 0 V, f = 1 MHz 210 pF C res 60 pF Q g 145 170 nC Q ge I C = IC90, VGE = 15 V, VCE = 0.5 VCES 23 35 nC Q gc 50 75 nC t d(on) 25 ns t ri 40 ns t d(off) 40N30 170 ns 40N30A 100 ns 40N30B 75 ns t fi 40N30 230 ns 40N30A 120 ns 40N30B 75 ns E off 40N30 1.6 mJ 40N30A 0.75 mJ 40N30B 0.3 mJ t d(on) 25 ns t ri 40 ns E on 0.3 mJ t d(off) 40N30 250 500 ns 40N30A 150 300 ns 40N30B 90 180 ns t fi 40N30 350 600 ns 40N30A 220 330 ns 40N30B 130 230 ns E off 40N30 3.3 4.8mJ 40N30A 1.6 2.4 mJ 40N30B 0.6 1.4 mJ R thJC 0.62 K/W R thCK 0.25 K/W Inductive load, T J = 25°C I C = IC90, VGE = 15 V, L = 100 µH, V CE = 0.8 VCES, R G = Roff = 1.0 Ω Switching times may increase for V CE (Clamp) > 0.8 V CES, higher TJ or increased R G Inductive load, T J = 125°C I C = IC90, VGE = 15 V, L = 100 µH V CE = 0.8 VCES, R G = Roff = 1.0 Ω Switching times may increase for V CE (Clamp) > 0.8 V CES, higher TJ or increased R G |