Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMIF10-LCD01F3 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce EMIF10-LCD01F3
Description  10 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01F3 Fiches technique(HTML) 5 Page - STMicroelectronics

  EMIF10-LCD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01F3 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMIF10-LCD01F1
5/6
250µm ± 40
650µm ± 65
2.64mm ± 50µm
315µm ± 50
500µm ± 50
PACKAGE MECHANICAL DATA
FLIP CHIP
545
400
x
y
x
w
x
w
Dot, ST logo
xxx = marking
yww = datecode
(y = year
ww = week)
All dimensions in µm
MARKING
Copper pad Diameter :
250µm recommended , 300µm max
Solder stencil opening : 330µm
Solder mask opening recommendation :
340µm min for 315µm copper pad diameter
FOOT PRINT RECOMMENDATIONS



Html Pages

1 2 3 4 5 6