Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMBLN06051G8DM1T69 Fiches technique(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce AMBLN06051G8DM1T69
Description  Low in-band amplitude and phase imbalance enhances system performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

AMBLN06051G8DM1T69 Fiches technique(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  AMBLN06051G8DM1T69 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION AMBLN06051G8DM1T69 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION AMBLN06051G8DM1T69 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION AMBLN06051G8DM1T69 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION AMBLN06051G8DM1T69 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION AMBLN06051G8DM1T69 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Approval sheet
Page 2 of 6
ASC_AMBLN06051G8DM1T69_V01
Jul. 2018
FEATURES
1.
Miniature footprint: 0.65 X 0.5 X 0.4 mm
3
2.
Low Insertion Loss
3.
Low in-band amplitude and phase imbalance enhances system performance
4.
LTCC process
APPLICATIONS
1.
LTE B35/B36 band RF applications
CONSTRUCTION
Top view
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
0.65 ± 0.10
W
0.50 ± 0.10
T
0.40 ± 0.10
A
0.225 ± 0.10
B
0.20 ± 0.05
C
0.10 ± 0.05
D
0.25 ± 0.05
E
0.025 ± 0.025
PIN
Connection
PIN
Connection
1
GND
3
Balanced port
2
Unbalanced port
4
Balanced port
P3
1
P1
P2
P4
Bottom view
Top view
Side view
Side view



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com