Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS136N Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74AS136N
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS136N Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AS136N Datasheet HTML 1Page - Texas Instruments SN74AS136N Datasheet HTML 2Page - Texas Instruments SN74AS136N Datasheet HTML 3Page - Texas Instruments SN74AS136N Datasheet HTML 4Page - Texas Instruments SN74AS136N Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN54ALS136, SN54AS136, SN74ALS136, SN74AS136
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
WITH OPEN-COLLECTOR OUTPUTS
SDAS162 – MARCH 1984–REVISED OCTOBER 1988
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
exclusive-OR logic
An Exclusive-OR gate has many applications, some of which can be represented better by alternative logic
symbols.
EXCLUSIVE-OR
=1
These are five equivalent Exclusive-OR symbols valid for an ’ALS136 gate in positive logic; negation may be
shown at any two ports.
LOGIC IDENTITY ELEMENT
EVEN-PARITY
ODD-PARITY ELEMENT
The output is active (low) if all
inputs stand at the same logic
level (i.e., A=B).
The output is active (low) if an
even number of inputs (i.e., 0 or
2) are active.
The output is active (high if an
odd number of inputs (i.e., only
1 of the 2) are active.
=
2k
2k + 1



Html Pages

1 2 3 4 5