Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7282A5 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ST7282A5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282A5 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ST7282A5 Datasheet HTML 11Page - STMicroelectronics ST7282A5 Datasheet HTML 12Page - STMicroelectronics ST7282A5 Datasheet HTML 13Page - STMicroelectronics ST7282A5 Datasheet HTML 14Page - STMicroelectronics ST7282A5 Datasheet HTML 15Page - STMicroelectronics ST7282A5 Datasheet HTML 16Page - STMicroelectronics ST7282A5 Datasheet HTML 17Page - STMicroelectronics ST7282A5 Datasheet HTML 18Page - STMicroelectronics ST7282A5 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 15/23
2.2.2.2 Working with 1/4 Bias
Depending on the selected display material, the
operating mode and the display voltage VLCD, it is
possible to reduce the LCD resistor chain to 4 re-
sistors, and operate with the 1/4 bias method.
If VLCD35 and VLCD25 are connected to the
same voltage, the segment and backplane drivers
will work in the same way as with 1/5 bias, but the
resulting waveforms will look a bit different :
Figure 5. Waveform on common and on segment output working with Bias 1/4
VLCD
4/5
3/5
2/5
1/5
GND
VLCD
4/5
3/5
2/5
1/5
GND
0
101
01
0
1
ST6LC351.DS4
SEGMENT SELECTED
SEGMENT OFF
VLCD
GND
VLCD
GND
01
01
01
0
1
1/4
2/4
3/4
1/4
2/4
3/4
SEGMENT SELECTED
SEGMENT OFF
ST6LC362.DS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23